Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10474-5JCS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SY10474-5JCS
Description  1K x 4 ECL RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SY10474-5JCS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SY10474-5JCS Datasheet HTML 1Page - List of Unclassifed Manufacturers SY10474-5JCS Datasheet HTML 2Page - List of Unclassifed Manufacturers SY10474-5JCS Datasheet HTML 3Page - List of Unclassifed Manufacturers SY10474-5JCS Datasheet HTML 4Page - List of Unclassifed Manufacturers SY10474-5JCS Datasheet HTML 5Page - List of Unclassifed Manufacturers SY10474-5JCS Datasheet HTML 6Page - List of Unclassifed Manufacturers SY10474-5JCS Datasheet HTML 7Page - List of Unclassifed Manufacturers SY10474-5JCS Datasheet HTML 8Page - List of Unclassifed Manufacturers SY10474-5JCS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
SY10/100/101474-3
SY10/100/101474-4
SY10/100/101474-5
SY10/100/101474-7
SY10474-3
SY10474-4
SY10474-5
SY10474-7
SY100474-3
SY100474-4
SY100474-5
SY100474-7
SY101474-3
SY101474-4
SY101474-5
SY101474-7
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tAA
TAVQV
Address Access Time
3
4
5
7ns
tAC
TSLQV
Chip Select Access Time
2
2
3
3ns
tRC
TSHQL
Chip Select Recovery Time
2
2
3
3ns
AC ELECTRICAL CHARACTERISTICS
AC TEST CONDITIONS
VCC = VCCA = 0V
Output Load = 50
Ω to –2.0V
VEE = –5.2V
± 5%(10K)
TC = 0
°C to +75°C (10K)
VEE = –4.5V
± 0.3V(100K) TC = 0°C to +85°C (100K/101K)
VEE = –5.2V
± 5%(101K) Airflow > 2.5m/s
Loading Condition
GND
VCC
VEE
–2.0V
0.01µF
RL
OUT
CL
VEE
VCCA
Input Pulse
NOTE:
All timing measurements referenced to 50% input levels.
tr = tf = 1.0ns typ.
OUTPUT LOAD: RL
=50
CL
= 5pF* (typ.)
* (Modeled as 50
Ω transmission line
terminated to –2V.)
TC
VIH
VIL
10K
0
°C
–0.933V
–1.733V
+25
°C
–0.90V
–1.70V
+75
°C
–0.863V
–1.663V
100/101K
0
°C to +85°C
–0.90V
–1.70V
20%
80%
VIL
VIH
tr
tf
READ CYCLE
READ CYCLE TIMING DIAGRAM
DOUT
Address
50%
tAA
50%
20%
80%
DOUT
CS
tr
tf
50%
tAC
tRC
50%
SYNERGY
SEMICONDUCTOR


Similar Part No. - SY10474-5JCS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SY10422-3 ETC1-SY10422-3 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
SY10422-4 ETC1-SY10422-4 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
SY10422-5 ETC1-SY10422-5 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
SY10422-7 ETC1-SY10422-7 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
logo
Shanghai Shunye Electro...
SY1045V2 SHUNYE-SY1045V2 Datasheet
655Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SY10474-5JCS

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C149 CYPRESS-CY7C149 Datasheet
161Kb / 8P
   1K x 4 Static RAM
logo
List of Unclassifed Man...
SY10422-3 ETC1-SY10422-3 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
Pyramid Semiconductor C...
P4C150 PYRAMID-P4C150 Datasheet
214Kb / 11P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
List of Unclassifed Man...
SC5104 ETC1-SC5104 Datasheet
500Kb / 8P
   64K X 4 BiCMOS ECL I/O STATIC RAM
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
TEMIC Semiconductors
M67130 TEMIC-M67130 Datasheet
783Kb / 16P
   1K X 8 CMOS DUAL PORT RAM
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Siemens Semiconductor G...
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com