Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA379AIDR Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA379AIDR
Description  1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA379AIDR Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA379AIDR Datasheet HTML 1Page - Burr-Brown (TI) OPA379AIDR Datasheet HTML 2Page - Burr-Brown (TI) OPA379AIDR Datasheet HTML 3Page - Burr-Brown (TI) OPA379AIDR Datasheet HTML 4Page - Burr-Brown (TI) OPA379AIDR Datasheet HTML 5Page - Burr-Brown (TI) OPA379AIDR Datasheet HTML 6Page - Burr-Brown (TI) OPA379AIDR Datasheet HTML 7Page - Burr-Brown (TI) OPA379AIDR Datasheet HTML 8Page - Burr-Brown (TI) OPA379AIDR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FEATURES
D LOW NOISE: 2.8µVPP
D microPower: 5.5µA (max)
D LOW OFFSET VOLTAGE: 1.5mV (max)
D DC PRECISION:
− CMRR: 100dB
− PSRR: 2
µV/V
− AOL: 120dB
D WIDE SUPPLY VOLTAGE RANGE: 1.8V to 5.5V
D microSize PACKAGES
APPLICATIONS
D BATTERY-POWERED INSTRUMENTS
D PORTABLE DEVICES
D MEDICAL INSTRUMENTS
D HANDHELD TEST EQUIPMENT
DESCRIPTION
The
OPA379
family
of
micropower,
low-voltage
operational amplifiers is designed for battery-powered
applications. These amplifiers operate on a supply voltage
as
low
as
1.8V.
High-performance,
single-supply
operation with rail-to-rail capability makes the OPA379
family useful for a wide range of applications.
In addition to microSize packages, the OPA379 family of
op amps features impressive bandwidth (90kHz), low bias
current (25pA), and low noise (80nV/
√Hz) relative to the
very low quiescent current (5.5
µA max).
The OPA379 (single) is available in SC70-5, SOT23-5,
and SO-8 packages. The OPA2379 (dual) comes in
SOT23-8 and SO-8 packages. The OPA4379 (quad) is
offered in a TSSOP-14 package. All versions are specified
from −40
°C to +125°C.
OPAx379 RELATED PRODUCTS
FEATURES
PRODUCT
1
µA, 70kHz, 2mV VOS, 1.8V to 5.5V Supply
OPAx349
1
µA, 5.5kHz, 390µV VOS, 2.5V to 16V Supply
TLV240x
1
µA, 5.5kHz, 0.6mV VOS, 2.5V to 12V Supply
TLV224x
7
µA, 160kHz, 0.5mV VOS, 2.7V to 16V Supply
TLV27Lx
7
µA, 160kHz, 0.5mV VOS, 2.7V to 16V Supply
TLV238x
20
µA, 350kHz, 2mV VOS, 2.3V to 5.5V Supply
OPAx347
20
µA, 500kHz, 550µV VOS, 1.8V to 3.6V Supply
TLV276x
45
µA, 1MHz, 1mV VOS, 2.1V to 5.5V Supply
OPAx348
OPA379
OPA2379
OPA4379
SBOS347A − NOVEMBER 2005 − REVISED DECEMBER 2005
1.8V, 2.9
µA, 90kHz, Rail-to-Rail I/O
OPERATIONAL AMPLIFIERS
www.ti.com
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Similar Part No. - OPA379AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA379AIDR TI-OPA379AIDR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O PERATIONAL AMPLIFIERS
OPA379AIDR TI-OPA379AIDR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O RATIONAL AMPLIFIERS
OPA379AIDR TI-OPA379AIDR Datasheet
1Mb / 29P
[Old version datasheet]   18V 29mA90kHz, Rail-to-Rail I/O ATIONAL AMPLIFIERS
OPA379AIDRG4 TI-OPA379AIDRG4 Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O PERATIONAL AMPLIFIERS
OPA379AIDRG4 TI-OPA379AIDRG4 Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O RATIONAL AMPLIFIERS
More results

Similar Description - OPA379AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA379AIDBVR TI1-OPA379AIDBVR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA379AIDBV TI-OPA379AIDBV Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O RATIONAL AMPLIFIERS
OPA379AIDBVR TI-OPA379AIDBVR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O PERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com