Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10101422-4MCF Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SY10101422-4MCF
Description  256 x 4 ECL RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SY10101422-4MCF Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SY10101422-4MCF Datasheet HTML 1Page - List of Unclassifed Manufacturers SY10101422-4MCF Datasheet HTML 2Page - List of Unclassifed Manufacturers SY10101422-4MCF Datasheet HTML 3Page - List of Unclassifed Manufacturers SY10101422-4MCF Datasheet HTML 4Page - List of Unclassifed Manufacturers SY10101422-4MCF Datasheet HTML 5Page - List of Unclassifed Manufacturers SY10101422-4MCF Datasheet HTML 6Page - List of Unclassifed Manufacturers SY10101422-4MCF Datasheet HTML 7Page - List of Unclassifed Manufacturers SY10101422-4MCF Datasheet HTML 8Page - List of Unclassifed Manufacturers SY10101422-4MCF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
SY10422-3/4/5/7
SY100422-3/4/5/7
SY101422-3/4/5/7
Parameter
Symbol Min.
Typ.
Max. Unit
Supply Voltage(1)
10K
VEE
–5.46
–5.2
–4.94
V
Case Temperature
TC
0—
75
°C
Supply Voltage(1)
100K
VEE
–4.8
–4.5
–4.2
V
Case Temperature
TC
0—
85
°C
Supply Voltage(1)
101K
VEE
–5.46
–5.2
–4.94
V
Case Temperature
TC
0—
85
°C
NOTE:
1. Referenced to VCC.
FUNCTIONAL DESCRIPTION
The Synergy SY10/100/101422 are 1024-bit RAMs
organized as four 256-by-1-bit blocks with each block having
its own Block Select (BS) control signal that functions
essentially like a unique chip select for the Block. The four
blocks and Block Selects together make the device a 256 x
4-bit RAM. Memory cell selection is achieved by using the
8 address bits designated as A0 through A7. Each of the 28
possible input address combinations corresponds to a unique
word location in memory. The active low Block Select (BS)
control signals are provided for memory expansion and for
independent control of each of the four 256 x 1-bit blocks of
memory. The active low Write Enable (WE) controls the
read and write operation on the selected block or blocks.
Data resident on the DIN inputs (DI0 through DI3) is written
into the addressed location only when WE and the Block
Select (BS) associated with each of the DIN bits is held
LOW. This allows control of the Write operation to any one,
two, three or all four of the input data bits.
In order to
perform a read operation, WE is held high, the Block Select
(BS) associated with each of the four output blocks is held
low, and the non-inverted output data at the addressed
location is transferred to DOUT (DO0 through DO3) to be
read out. This allows control of the Read operation to any
one, two, three or all four of the output blocks. Open emitter
outputs are provided for maximum flexibility and memory
expansion by allowing output wire-OR connections. External
termination of 50
Ω to –2.0V or an equivalent circuit must be
used to provide the specified output levels.
All outputs are forced to a logic LOW level when the
RAM is being written into (WE = LOW).
The output (or
outputs) associated with a block (or blocks) of memory can
be forced to a logic LOW low level by deselecting that block
(or blocks) with its respective Block Select input (BS0 – BS3
= HIGH).
ABSOLUTE MAXIMUM RATINGS(1)
GUARANTEED OPERATING CONDITIONS
Symbol
Rating
Value
Unit
VEE
VEE Pin Potential
+0.5 to –7.0
V
to VCC Pin
VIN
Input Voltage
+0.5 to VEE
V
IOUT
DC Output Current
–30
mA
(Output High)
TC
Temperature Under
–55 to +125
°C
Bias
Tstore
Storage Temperature
–65 to +150
°C
NOTE:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS
are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections
of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG conditions
for extended periods may affect device reliability.
RISE AND FALL TIME
Parameter
Code(1) Symbol Min. Typ. Max. Unit
Output Rise Time
F
tr
500
ps
S
1500
Output Fall Time
F
tf
500
ps
S
1500
NOTE:
1. F = Fast Edge Rate
S = Standard Edge Rate
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input Pin
CIN
—4
pF
Capacitance
Output Pin
COUT
—5
pF
Capacitance
CAPACITANCE
SYNERGY
SEMICONDUCTOR


Similar Part No. - SY10101422-4MCF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SY101474-3 ETC1-SY101474-3 Datasheet
238Kb / 10P
   1K x 4 ECL RAM
SY101474-3FCF ETC1-SY101474-3FCF Datasheet
238Kb / 10P
   1K x 4 ECL RAM
SY101474-3MCF ETC1-SY101474-3MCF Datasheet
238Kb / 10P
   1K x 4 ECL RAM
SY101474-4 ETC1-SY101474-4 Datasheet
238Kb / 10P
   1K x 4 ECL RAM
SY101474-4FCF ETC1-SY101474-4FCF Datasheet
238Kb / 10P
   1K x 4 ECL RAM
More results

Similar Description - SY10101422-4MCF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SY10474-3 ETC1-SY10474-3 Datasheet
238Kb / 10P
   1K x 4 ECL RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
HM-6561 INTERSIL-HM-6561 Datasheet
143Kb / 9P
   256 x 4 CMOS RAM
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551_03 Datasheet
547Kb / 10P
   256 x 4 CMOS RAM
logo
Siemens Semiconductor G...
HYB514256B SIEMENS-HYB514256B Datasheet
215Kb / 22P
   256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
logo
National Semiconductor ...
NMC6551 NSC-NMC6551 Datasheet
219Kb / 6P
   1024-Bit (256 x 4) Static RAM
logo
Cypress Semiconductor
CY7C194B CYPRESS-CY7C194B Datasheet
256Kb / 13P
   256 Kb (64K x 4) Static RAM
CY7C194BN CYPRESS-CY7C194BN Datasheet
397Kb / 10P
   256 Kb (64K x 4) Static RAM
logo
Toshiba Semiconductor
TC5501P TOSHIBA-TC5501P Datasheet
156Kb / 8P
   256 WORD x 4 BIT CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com