Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC172A Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC172A
Description  QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC172A Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN65LBC172A Datasheet HTML 8Page - Texas Instruments SN65LBC172A Datasheet HTML 9Page - Texas Instruments SN65LBC172A Datasheet HTML 10Page - Texas Instruments SN65LBC172A Datasheet HTML 11Page - Texas Instruments SN65LBC172A Datasheet HTML 12Page - Texas Instruments SN65LBC172A Datasheet HTML 13Page - Texas Instruments SN65LBC172A Datasheet HTML 14Page - Texas Instruments SN65LBC172A Datasheet HTML 15Page - Texas Instruments SN65LBC172A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
SN65LBC172A, SN75LBC172A
QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SLLS447B – OCTOBER 2000 – REVISED MAY 2003
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
RL = 54 Ω
CL = 50 pF
Figure 13. Eye Pattern, Pseudorandom Data at 30 Mbps
APPLICATION INFORMATION
TMS320F243
DSP
(Controller)
SPISIMO
SN65LBC172A
SN65LBC175A
TMS320F241
DSP
(Embedded
Application)
SPISIMO
IOPA1
SPISTE
SPISTE
IOPA0
(Handshake
/Status)
SPICLK
IOPA0
IOPA1
(Enable)
SPICLK
SPISOMI
SPISOMI
IOPA2
Figure 14. Typical Application Circuit, DSP-to-DSP Link via Serial Peripheral Interface


Similar Part No. - SN65LBC172A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC172A TI1-SN65LBC172A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A16DW TI1-SN65LBC172A16DW Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A16DWG4 TI1-SN65LBC172A16DWG4 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A16DWR TI1-SN65LBC172A16DWR Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172ADW TI1-SN65LBC172ADW Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN65LBC172A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC174A TI-SN65LBC174A Datasheet
435Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174A TI-SN65LBC174A_07 Datasheet
479Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI1-SN65LBC172A_16 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174A_07-12 TI-SN65LBC174A_07-12 Datasheet
577Kb / 21P
[Old version datasheet]   QUADRUPLE RS- 485 DIFFERENTAIL LINE DRIVERS
SN65LBC173A-EP TI1-SN65LBC173A-EP Datasheet
881Kb / 23P
[Old version datasheet]   Quadruple RS-485 Differential Line Receiver
SN65LBC173A TI-SN65LBC173A Datasheet
200Kb / 12P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC174A-EP TI1-SN65LBC174A-EP Datasheet
552Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVER
SN65LBC175A TI-SN65LBC175A Datasheet
338Kb / 14P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC173A-EP TI1-SN65LBC173A-EP_17 Datasheet
881Kb / 23P
[Old version datasheet]   Quadruple RS-485 Differential Line Receiver
SN65LBC175A TI-SN65LBC175A_07 Datasheet
474Kb / 16P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com