Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN65LBC172A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. SN65LBC172A
Description  QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC172A Datasheet(HTML) 1 Page - Texas Instruments

  SN65LBC172A Datasheet HTML 1Page - Texas Instruments SN65LBC172A Datasheet HTML 2Page - Texas Instruments SN65LBC172A Datasheet HTML 3Page - Texas Instruments SN65LBC172A Datasheet HTML 4Page - Texas Instruments SN65LBC172A Datasheet HTML 5Page - Texas Instruments SN65LBC172A Datasheet HTML 6Page - Texas Instruments SN65LBC172A Datasheet HTML 7Page - Texas Instruments SN65LBC172A Datasheet HTML 8Page - Texas Instruments SN65LBC172A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN65LBC172A, SN75LBC172A
QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SLLS447B – OCTOBER 2000 – REVISED MAY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Designed for TIA/EIA-485, TIA/EIA-422,
and ISO 8482 Applications
D Signaling Ratesup to 30 Mbps
D Propagation Delay Times <11 ns
D Low Standby Power Consumption
1.5 mA Max
D Output ESD Protection Exceeds 13 kV
D Driver Positive- and Negative-Current
Limiting
D Power-Up and Power-Down Glitch-Free for
Live Insertion Applications
D Thermal Shutdown Protection
D Industry Standard Pin-Out, Compatible
With SN75172, AM26LS31, DS96172,
LTC486, and MAX3045
description
The SN65LBC172A and SN75LBC172A are quadruple differential line drivers with 3-state outputs, designed
for TIA/EIA-485 (RS-485), TIA/EIA-422 (RS-422), and ISO 8482 applications.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
G
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
G
3Z
3Y
3A
N PACKAGE
(TOP VIEW)
logic diagram (positive logic)
4Z
4Y
3Z
3Y
2Z
2Y
1Z
1Y
4A
3A
2A
1A
1
7
9
15
G
G
12
4
2
3
6
5
10
11
14
13
4Z
4Y
3Z
3Y
2Z
2Y
1Z
1Y
4A
3A
2A
1A
1
9
11
19
G
G
15
5
2
4
8
6
12
14
18
16
logic diagram (positive logic)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
G
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
G
3Z
3Y
3A
16-DW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1A
1Y
NC
1Z
G
2Z
NC
2Y
2A
GND
VCC
4A
4Y
NC
4Z
G
3Z
NC
3Y
3A
20-DW PACKAGE
(TOP VIEW)
Copyright
 2001 – 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinBiCMOS is a trademark of Texas Instruments.
†The signaling rate of a line is the number of voltage transitions that are made per second expressed in the units bps (bits per second).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN65LBC174A QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS 1  2  3  4  5  More Texas Instruments
HD26C31 Quadruple Differential Line Drivers With 3 State Outputs 1  2  3  4  5  More Hitachi Semiconductor
SN65LBC175A QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS 1  2  3  4  5  More Texas Instruments
AM26C31C QUADRUPLE DIFFERENTIAL LINE DRIVERS 1  2  3  4  5  More Texas Instruments
AM26LV31C LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS 1  2  3  4  5  More Texas Instruments
SN65LBC173A QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS 1  2  3  4  5  More Texas Instruments
HD75153 Quadruple Differential Line Drivers With 3 State Outputs 1  2  3  4  5  More List of Unclassifed Manufacturers
SN65LBC174 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS 1  2  3  4  5  More Texas Instruments
SN55ALS194 QUADRUPLE DIFFERENTIAL LINE DRIVERS 1  2  3  4  5  More Texas Instruments
DS96172 RS-485/RS-422 Quad Differential Line Drivers 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn