Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN65LBC172A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. SN65LBC172A
Description  QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC172A Datasheet(HTML) 5 Page - Texas Instruments

  SN65LBC172A Datasheet HTML 1Page - Texas Instruments SN65LBC172A Datasheet HTML 2Page - Texas Instruments SN65LBC172A Datasheet HTML 3Page - Texas Instruments SN65LBC172A Datasheet HTML 4Page - Texas Instruments SN65LBC172A Datasheet HTML 5Page - Texas Instruments SN65LBC172A Datasheet HTML 6Page - Texas Instruments SN65LBC172A Datasheet HTML 7Page - Texas Instruments SN65LBC172A Datasheet HTML 8Page - Texas Instruments SN65LBC172A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SN65LBC172A, SN75LBC172A
QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SLLS447B – OCTOBER 2000 – REVISED MAY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high level output
5.5
8
11
ns
tPHL
Propagation delay time, high-to-low level output
5.5
8
11
ns
tr
Differential output voltage rise time
3
7.5
11
ns
tf
Differential output voltage fall time
RL = 54 Ω, CL = 50 pF,
see Figure 4
3
7.5
11
ns
tsk(p)
Pulse skew |tPLH – tPHL|
see Figure 4
0.6
2
ns
tsk(o)
Output skew†
2
ns
tsk(pp) Part-to-part skew‡
3
ns
tPZH
Propagation delay time, high-impedance-to-high-level output
See Figure 5
25
ns
tPHZ
Propagation delay time, high-level-output-to-high impedance
25
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
See Figure 6
30
ns
tPLZ
Propagation delay time, low-level-output-to-high impedance
20
ns
† Output skew (tsk(o)) is the magnitude of the time delay difference between the outputs of a single device with all of the inputs connected together.
‡ Part-to-part skew (tsk(pp)) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when
both devices operate with the same input signals, the same supply voltages, at the same temperature, and have identical packages and test
circuits.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN65LBC174A QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS 1  2  3  4  5  More Texas Instruments
HD26C31 Quadruple Differential Line Drivers With 3 State Outputs 1  2  3  4  5  More Hitachi Semiconductor
SN65LBC175A QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS 1  2  3  4  5  More Texas Instruments
AM26C31C QUADRUPLE DIFFERENTIAL LINE DRIVERS 1  2  3  4  5  More Texas Instruments
AM26LV31C LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS 1  2  3  4  5  More Texas Instruments
SN65LBC173A QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS 1  2  3  4  5  More Texas Instruments
HD75153 Quadruple Differential Line Drivers With 3 State Outputs 1  2  3  4  5  More List of Unclassifed Manufacturers
SN65LBC174 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS 1  2  3  4  5  More Texas Instruments
SN55ALS194 QUADRUPLE DIFFERENTIAL LINE DRIVERS 1  2  3  4  5  More Texas Instruments
DS96172 RS-485/RS-422 Quad Differential Line Drivers 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn