Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2379AIDR Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2379AIDR
Description  1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2379AIDR Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA2379AIDR Datasheet HTML 2Page - Burr-Brown (TI) OPA2379AIDR Datasheet HTML 3Page - Burr-Brown (TI) OPA2379AIDR Datasheet HTML 4Page - Burr-Brown (TI) OPA2379AIDR Datasheet HTML 5Page - Burr-Brown (TI) OPA2379AIDR Datasheet HTML 6Page - Burr-Brown (TI) OPA2379AIDR Datasheet HTML 7Page - Burr-Brown (TI) OPA2379AIDR Datasheet HTML 8Page - Burr-Brown (TI) OPA2379AIDR Datasheet HTML 9Page - Burr-Brown (TI) OPA2379AIDR Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
OPA379
OPA2379
OPA4379
SBOS347A − NOVEMBER 2005 − REVISED DECEMBER 2005
www.ti.com
6
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = 5V, RL = 25kΩ connected to VS/2, unless otherwise noted.
10000
1000
100
10
1
0.1
0.01
INPUT BIAS CURRENT
vs TEMPERATURE
Temperature (
_C)
−50
0
−25
75
25
50
100
125
0.1Hz TO 10Hz NOISE
2.5s/div
1000
100
10
NOISE vs FREQUENCY
Frequency (Hz)
1
100
10
1k
10k
60
50
40
30
20
10
0
SMALL−SIGNAL OVERSHOOT
vs CAPACITIVE LOAD
Capacitive Load (pF)
10
100
1000
G= +1
G=
−1
SMALL−SIGNAL STEP RESPONSE
25
µs/div
LARGE−SIGNAL STEP RESPONSE
50
µs/div


Similar Part No. - OPA2379AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2379AIDR TI-OPA2379AIDR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O PERATIONAL AMPLIFIERS
OPA2379AIDR TI-OPA2379AIDR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O RATIONAL AMPLIFIERS
OPA2379AIDR TI-OPA2379AIDR Datasheet
1Mb / 29P
[Old version datasheet]   18V 29mA90kHz, Rail-to-Rail I/O ATIONAL AMPLIFIERS
OPA2379AIDRG4 TI-OPA2379AIDRG4 Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O PERATIONAL AMPLIFIERS
OPA2379AIDRG4 TI-OPA2379AIDRG4 Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O RATIONAL AMPLIFIERS
More results

Similar Description - OPA2379AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA379AIDBVR TI1-OPA379AIDBVR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA379AIDBV TI-OPA379AIDBV Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O RATIONAL AMPLIFIERS
OPA379AIDBVR TI-OPA379AIDBVR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O PERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com