Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSRDA33-4 Datasheet(PDF) 2 Page - Protek Devices

Part No. PSRDA33-4
Description  STEERING DIODE / TVS ARRAY COMBO
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PROTEC [Protek Devices]
Homepage  http://www.protekdevices.com
Logo 

PSRDA33-4 Datasheet(HTML) 2 Page - Protek Devices

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.protekdevices.com
05096.R7 4/05
PSRDA3.3-4
thru
PSRDA15-4
DEVICE CHARACTERISTICS
MAXIMUN RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C
°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
500
Watts
Maximum Forward Voltage @ 100mA (See Note 1)
Volts
1.1
VF
Note 1: Measured between pins 8 or 5 to 1, 2, 3, 4, 6 and 7.
Note 1: Capacitance measured at V
WM = VCC connected between I/O pins to pin 8 and 5 (Gnd).
V
R = VWM @ 1MHz.
As shown in Figure 5, REF1 is
connected to ground, REF2 is connected to +V
CC, and input applies to VCC = 5V, Vsign = mV, F = 1 MHz.
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
DEVICE
MARKING
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
MAXIMUM
CAPACITANCE
(See Note 1)
(See Figure 5)
@0V, 1 MHz
C
j(SD)
pF
PSRDA3.3-4
PSRDA05-4
PSRDA12-4
PSRDA15-4
PRA
PRB
PRD
PRE
4.0
6.0
13.3
16.7
6.5
9.8
19.0
24.0
10.9V @ 43.0A
13.5V @ 42.0A
25.9V @ 21.0A
30.0V @ 17.0A
15
15
15
15
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
125
20
1
1
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
3.3
5.0
12.0
15.0
0.1
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
500W 8/20µs Waveform
10
100
1,000
10,000
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
FIGURE 2
PULSE WAVE FORM


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CDSOT23-SRV05-4CDSOT23-SRV05-4 - Steering Diode TVS Array Combo 1 2 3 Bourns Electronic Solutions
SR28STEERING DIODE / TVS ARRAY COMBO 1 2 3 Protek Devices
PUSB6BSTEERING DIODE / TVS ARRAY COMBO 1 2 3 4 List of Unclassifed Manufacturers
SRV05-4STEERING DIODE / TVS ARRAY COMBO 1 2 3 4 Protek Devices
CDNBS08-USB3BCDNBS08-USBxB Series - Steering Diode/TVS Array Combo 1 2 3 4 Bourns Electronic Solutions
PSR05STEERING DIODE / TVS ARRAY COMBO 1 2 3 4 5 List of Unclassifed Manufacturers
PLC03-6STEERING DIODE / TVS ARRAY COMBO 1 2 3 4 Protek Devices
CDNBS08-SRDA3.3-6CDNBS08-SRDAxx-6 - Steering Diode/TVS Array Combo 1 2 3 4 Bourns Electronic Solutions
CDNBS08-SRDA3.3-4CDNBS08-SRDAxx-4 Series - Steering Diode/TVS Array Combo 1 2 3 4 Bourns Electronic Solutions

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn