Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSRDA33-4 Datasheet(PDF) 1 Page - Protek Devices

Part No. PSRDA33-4
Description  STEERING DIODE / TVS ARRAY COMBO
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PROTEC [Protek Devices]
Homepage  http://www.protekdevices.com
Logo 

PSRDA33-4 Datasheet(HTML) 1 Page - Protek Devices

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PSRDA3.3-4
thru
PSRDA15-4
1
05096.R7 4/05
www.protekdevices.com
STEERING DIODE / TVS ARRAY COMBO
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ Ethernet - 10/100 Base T
✔ Computer I/O Ports - SCSI, FireWire & USB
✔ Set-Top Box Protection
✔ Video Card
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
✔ 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-Gnd) & Level 3(Line-Line)
FEATURES
✔ 500 Watts Peak Pulse Power per Line (tp=8/20µs)
✔ Unidirectional Configuration
✔ Available in 4 Voltage Types: 3.3V to 15V
✔ Protects Up to Four (4) I/O Ports
✔ ESD Protection > 40 kilovolts
✔ LOW CAPACITANCE: 15pF
✔ RoHS Compliant in Lead-Free Versions
MECHANICAL CHARACTERISTICS
✔ Molded JEDEC SO-8 Package
✔ Weight 70 milligrams (Approximate)
✔ Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Tin-Lead - Sn/Pb, 85/15: 240-245°C
Pure-Tin - Sn, 100: 260-270°C
✔ Flammability Rating UL 94V-0
✔ 12mm Tape and Reel Per EIA Standard 481
✔ Marking: Logo, Marking Code, Date Code & Pin One Defined By Dot on Top of Package
PIN CONFIGURATION
SO-8
1
2
4
8
3
5
6
7
GND
I/O 4
I/O 3
GND
I/O 1
+V
REF
+V
REF
I/O 2


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CDSOT23-SRV05-4CDSOT23-SRV05-4 - Steering Diode TVS Array Combo 1 2 3 Bourns Electronic Solutions
SR28STEERING DIODE / TVS ARRAY COMBO 1 2 3 Protek Devices
PUSB6BSTEERING DIODE / TVS ARRAY COMBO 1 2 3 4 List of Unclassifed Manufacturers
SRV05-4STEERING DIODE / TVS ARRAY COMBO 1 2 3 4 Protek Devices
CDNBS08-USB3BCDNBS08-USBxB Series - Steering Diode/TVS Array Combo 1 2 3 4 Bourns Electronic Solutions
PSR05STEERING DIODE / TVS ARRAY COMBO 1 2 3 4 5 List of Unclassifed Manufacturers
PLC03-6STEERING DIODE / TVS ARRAY COMBO 1 2 3 4 Protek Devices
CDNBS08-SRDA3.3-6CDNBS08-SRDAxx-6 - Steering Diode/TVS Array Combo 1 2 3 4 Bourns Electronic Solutions
CDNBS08-SRDA3.3-4CDNBS08-SRDAxx-4 Series - Steering Diode/TVS Array Combo 1 2 3 4 Bourns Electronic Solutions

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn