Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX349 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPAX349
Description  1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPAX349 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPAX349 Datasheet HTML 1Page - Burr-Brown (TI) OPAX349 Datasheet HTML 2Page - Burr-Brown (TI) OPAX349 Datasheet HTML 3Page - Burr-Brown (TI) OPAX349 Datasheet HTML 4Page - Burr-Brown (TI) OPAX349 Datasheet HTML 5Page - Burr-Brown (TI) OPAX349 Datasheet HTML 6Page - Burr-Brown (TI) OPAX349 Datasheet HTML 7Page - Burr-Brown (TI) OPAX349 Datasheet HTML 8Page - Burr-Brown (TI) OPAX349 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
OPA379
OPA2379
OPA4379
SBOS347A − NOVEMBER 2005 − REVISED DECEMBER 2005
www.ti.com
5
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = 5V, RL = 25kΩ connected to VS/2, unless otherwise noted.
15000
12500
10000
7500
5000
2500
0
−2500
−5000
−7500
−10000
−12500
−15000
OFFSET VOLTAGE vs COMMON−MODE VOLTAGE
vs TEMPERATURE
Common−Mode Voltage (V)
0
1
2
345
CMRR Specified Range
Unit 1
Unit 2
+125
_C
+85
_C
−40_C
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (
µV)
OFFSET VOLTAGE DRIFT DISTRIBUTION
(
−40_Cto +85_C)
Offset Voltage Drift (
µV/_C)
≤1
≤2
≤3
≤4
≤5> 5
OFFSET VOLTAGE DRIFT DISTRIBUTION
(
−40_Cto +125_C)
Offset Voltage Drift (
µV/_C)
≤1
≤2
≤3
≤4
≤5> 5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
QUIESCENT CURRENT
vs TEMPERATURE
Temperature (
_C)
−50
−25
0
25
50
75
100
125
QUIESCENT CURRENT
PRODUCTION DISTRIBUTION
Quiescent Current (
µA)


Similar Part No. - OPAX349

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPAx349 TI1-OPAx349 Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPAx349 TI1-OPAx349 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPAX349

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA379AIDBVR TI1-OPA379AIDBVR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA379AIDBV TI-OPA379AIDBV Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O RATIONAL AMPLIFIERS
OPA379AIDBVR TI-OPA379AIDBVR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O PERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com