Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10474-4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SY10474-4
Description  1K x 4 ECL RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SY10474-4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SY10474-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers SY10474-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers SY10474-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers SY10474-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers SY10474-4 Datasheet HTML 5Page - List of Unclassifed Manufacturers SY10474-4 Datasheet HTML 6Page - List of Unclassifed Manufacturers SY10474-4 Datasheet HTML 7Page - List of Unclassifed Manufacturers SY10474-4 Datasheet HTML 8Page - List of Unclassifed Manufacturers SY10474-4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
SY10/100/101474-3
SY10/100/101474-4
SY10/100/101474-5
SY10/100/101474-7
DESCRIPTION
SYNERGY
SEMICONDUCTOR
FEATURES
s Address access time, tAA: 3/4/5/7ns max.
s Chip select access time, tAC: 2ns max.
s Write pulse width, tWW: 3ns min.
s Edge rate, tr/tf: 500ps typ.
s Power supply current, IEE: –300mA, –220mA
for –5/7ns
s Superior immunity against alpha particles provides
virtually no soft error sensitivity
s Built with advanced ASSET™ technology
s Fully compatible with industry standard 10K/100K
ECL I/O levels
s Noise margins improved with on-chip voltage and
temperature compensation
s Open emitter output for easy memory expansion
s ESD protection of 2000V
s Available in 24-pin Flatpack and 28-pin PLCC and
MLCC packages
The Synergy SY10/100/101474 are 4096-bit Random
Access Memories (RAMs), designed with advanced Emitter
Coupled Logic (ECL) circuitry. The devices are organized
as 1024-words-by-4-bits and meet the standard 10K/100K
family signal levels. The SY100474 is also supply voltage-
compatible with 100K ECL, while the SY101474 operates
from 10K ECL supply voltage (–5.2V). All feature on-chip
voltage and temperature compensation for improved noise
margin.
The SY10/100/101474 employ proprietary circuit design
techniques and Synergy’s proprietary ASSET advanced
bipolar technology to achieve extremely fast access, write
pulse width and write recovery times. ASSET uses
proprietary technology concepts to achieve significant
reduction in parasitic capacitance while improving device
packing density. Synergy’s circuit design techniques, coupled
with ASSET, result not only in ultra-fast performance, but
also allow device operation with virtually no soft error
sensitivity and with outstanding device reliability in volume
production.
BLOCK DIAGRAM
*
SA = Sense Amplifier
WA = Write Amplifier
Y-Decoder/Driver
A0
DI0
A4
A1
A2
A3
Memory Cell Array
SA/WA*
SA/WA
SA/WA
SA/WA
DO0 DI1 DO1 DI2 DO2 DI3 DO3
WE
CS
A5
A6
A7
A8
A9
1K x 4 ECL RAM
© 1999 Micrel-Synergy
Rev.: D
Amendment: /1
Issue Date:
December 1999
SY10474-3/4/5/7
SY100474-3/4/5/7
SY101474-3/4/5/7


Similar Part No. - SY10474-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SY10422-3 ETC1-SY10422-3 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
SY10422-4 ETC1-SY10422-4 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
SY10422-5 ETC1-SY10422-5 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
SY10422-7 ETC1-SY10422-7 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
logo
Shanghai Shunye Electro...
SY1045V2 SHUNYE-SY1045V2 Datasheet
655Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SY10474-4

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C149 CYPRESS-CY7C149 Datasheet
161Kb / 8P
   1K x 4 Static RAM
logo
List of Unclassifed Man...
SY10422-3 ETC1-SY10422-3 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
Pyramid Semiconductor C...
P4C150 PYRAMID-P4C150 Datasheet
214Kb / 11P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
List of Unclassifed Man...
SC5104 ETC1-SC5104 Datasheet
500Kb / 8P
   64K X 4 BiCMOS ECL I/O STATIC RAM
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
TEMIC Semiconductors
M67130 TEMIC-M67130 Datasheet
783Kb / 16P
   1K X 8 CMOS DUAL PORT RAM
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Siemens Semiconductor G...
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com