Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EP32VKCTR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY100EP32VKCTR
Description  5V/3.3V 첨 2 DIVIDER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP32VKCTR Datasheet(HTML) 7 Page - Micrel Semiconductor

  SY100EP32VKCTR Datasheet HTML 1Page - Micrel Semiconductor SY100EP32VKCTR Datasheet HTML 2Page - Micrel Semiconductor SY100EP32VKCTR Datasheet HTML 3Page - Micrel Semiconductor SY100EP32VKCTR Datasheet HTML 4Page - Micrel Semiconductor SY100EP32VKCTR Datasheet HTML 5Page - Micrel Semiconductor SY100EP32VKCTR Datasheet HTML 6Page - Micrel Semiconductor SY100EP32VKCTR Datasheet HTML 7Page - Micrel Semiconductor SY100EP32VKCTR Datasheet HTML 8Page - Micrel Semiconductor SY100EP32VKCTR Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Precision Edge®
SY10EP32V
SY100EP32V
Micrel, Inc.
M9999-111605
hbwhelp@micrel.com or (408) 955-1690
AC ELECTRICAL CHARACTERISTICS(1)
NECL: V
CC = 0V, VEE = –3.3V to –5.0V ±10%; PECL: VEE = 0V, VCC = +3.3V to +5.0V ±10%
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
fMAX
Maximum Frequency(3)
4—
—4—
4—
GHz
tPLH
Propagation Delay to
ps
tPHL
Output Differential
RESET, CLK
➝ Q, /Q
250
330
420
260
275
430
280
400
440
tRR
Set/Reset Recovery
200
200
100
200
ps
tPW
Minimum Pulse Width RESET
550
550
200
550
ps
tJITTER
Cycle-to-Cycle RMS Jitter(2)
0.2
< 1
0.2
< 1
0.2
< 1
ps(rms)
VPP
Input Voltage Swing
150
800
1200
150
800
1200
150
800
1200
mV
(Differential)
tr
Output Rise/Fall Times Q, /Q
50
100
150
50
100
160
50
100
160
ps
tf
(20% to 80%)
Note 1.
Measured using a 750mV source, 50% duty cycle clock source. All loading with 50Ω to VCC –2.0V.
Note 2.
See Figure 1. f
MAX Jitter below.
Note 3.
f
MAX guaranteed for functionality only. VOL and VOH levels are guaranteed at DC only.
0
100
200
300
400
500
600
700
800
900
0
1
2
3
4
5
6
7
8
9
0
1000 2000 3000 4000 5000 6000
FREQUENCY (MHz)
f
MAX
Jitter
Measured
Simulated
(Jitter)
Figure 1. fMAX and RMS Jitter


Similar Part No. - SY100EP32VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP33V MICREL-SY100EP33V Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
SY100EP33V MICREL-SY100EP33V Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
SY100EP33VKC MICREL-SY100EP33VKC Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
SY100EP33VKC MICREL-SY100EP33VKC Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
SY100EP33VKCTR MICREL-SY100EP33VKCTR Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
More results

Similar Description - SY100EP32VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EL32V MICREL-SY10EL32V Datasheet
49Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EL33 MICREL-SY10EL33_06 Datasheet
473Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY10EL33 MICREL-SY10EL33 Datasheet
59Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY10EP33V MICREL-SY10EP33V Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
logo
ON Semiconductor
MC100EP32 ONSEMI-MC100EP32 Datasheet
85Kb / 10P
   3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
AZ10LVEL32 AZM-AZ10LVEL32_09 Datasheet
157Kb / 8P
   ECL/PECL 첨 2 Divider
logo
List of Unclassifed Man...
AZ10EL32 ETC1-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
logo
Arizona Microtek, Inc
AZ10LVEL32 AZM-AZ10LVEL32 Datasheet
178Kb / 8P
   ECL/PECL 첨 2 Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com