Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10422-5 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SY10422-5
Description  256 x 4 ECL RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SY10422-5 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SY10422-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SY10422-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers SY10422-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers SY10422-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers SY10422-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers SY10422-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers SY10422-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers SY10422-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers SY10422-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
SY10422-3/4/5/7
SY100422-3/4/5/7
SY101422-3/4/5/7
Symbol
Parameter
Min.
Max.
Unit
Condition
VOH
Output High Voltage
–1025
–880
mV
VIN = VIH Max. or VIL Min.
VOL
Output Low Voltage
–1810
–1620
mV
VIN = VIH Max. or VIL Min.
VOHC
Output High Voltage
–1035
mV
VIN = VIH Min. or VIL Max.
VOLC
Output Low Voltage
–1610
mV
VIN = VIH Min. or VIL Max.
VIH
Input High Voltage
–1165
–880
mV
Guaranteed Input Voltage High
for All Inputs
VIL
Input Low Voltage
–1810
–1475
mV
Guaranteed Input Voltage Low
for All Inputs
IIH
Input High Current
0.0
20
µAVIN = VIH Max.
IIL
Input Low Current
–2
2
µAVIN = VIL Min.
IIL
BS Input Low Current
30
170
µAVIN = VIL Min.
IIH
BS Input High Current
40
220
µAVIN = VIH Max.
IIL
WE Input Low Current
–2
35
µAVIN = VIL Min.
IIH
WE Input High Current
0.0
60
µAVIN = VIH Max.
IEE
Power Supply
-3ns, -4ns
–250
Current
-5ns, -7ns
–200
Symbol
Parameter
TC
Min.
Max.
Unit
Condition
VOH
Output High Voltage
0
°C
–1000
–840
mV
VIN = VIH Max. or VIL Min.
+25
°C
–960
–810
+75
°C
–900
–720
VOL
Output Low Voltage
0
°C
–1870
–1665
mV
VIN = VIH Max. or VIL Min.
+25
°C
–1850
–1650
+75
°C
–1830
–1625
VOHC
Output High Voltage
0
°C
–1020
mV
VIN = VIH Min. or VIL Max.
+25
°C
–980
+75
°C
–920
VOLC
Output Low Voltage
0
°C
–1645
mV
VIN = VIH Min. or VIL Max.
+25
°C
–1630
+75
°C
–1605
VIH
Input High Voltage
0
°C
–1145
–840
mV
Guaranteed Input Voltage High
+25
°C
–1105
–810
for All Inputs
+75
°C
–1045
–720
VIL
Input Low Voltage
0
°C
–1870
–1490
mV
Guaranteed Input Voltage Low
+25
°C
–1850
–1475
for All Inputs
+75
°C
–1830
–1450
IIH
Input High Current
0
°C to+ 75°C
0.0
20
µAVIN = VIH Max.
IIL
Input Low Current
0
°C to +75°C–2
2
µAVIN = VIL Min.
IIL
BS Input Low Current
0
°C to +75°C30
170
µAVIN = VIL Min.
IIH
BS Input High Current
0
°C to +75°C40
220
µAVIN = VIH Max.
IIL
WE Input Low Current
0
°C to +75°C–2
35
µAVIN = VIL Min.
IIH
WE Input High Current
0
°C to +75°C
0.0
60
µAVIN = VIH Max.
IEE
Power Supply
-3ns, -4ns
–250
Current
-5ns, -7ns
–200
10K DC ELECTRICAL CHARACTERISTICS
VCC = 0V; TC = 0
°C to +75°C; VEE = –5.2V; Airflow > 2.5m/s; Output Load = 50Ω to –2.0V
100K/101K DC ELECTRICAL CHARACTERISTICS
VCCA = 0V
VEE = –4.5V (100K)
TC = 0
°C to +85°C
Airflow > 2.5m/s
VCC = 0V
VEE = –5.2V (101K)
Output Load = 50
Ω to –2.0V
mA
All Inputs and Outputs Open
mA
All Inputs and Outputs Open
0
°C to +75°C
SYNERGY
SEMICONDUCTOR


Similar Part No. - SY10422-5

ManufacturerPart #DatasheetDescription
logo
Shunye Enterprise
SY1045V2 SHUNYE-SY1045V2 Datasheet
655Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
SY10474-3 ETC1-SY10474-3 Datasheet
238Kb / 10P
   1K x 4 ECL RAM
SY10474-3FCF ETC1-SY10474-3FCF Datasheet
238Kb / 10P
   1K x 4 ECL RAM
SY10474-3MCF ETC1-SY10474-3MCF Datasheet
238Kb / 10P
   1K x 4 ECL RAM
SY10474-4 ETC1-SY10474-4 Datasheet
238Kb / 10P
   1K x 4 ECL RAM
More results

Similar Description - SY10422-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SY10474-3 ETC1-SY10474-3 Datasheet
238Kb / 10P
   1K x 4 ECL RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
HM-6561 INTERSIL-HM-6561 Datasheet
143Kb / 9P
   256 x 4 CMOS RAM
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551_03 Datasheet
547Kb / 10P
   256 x 4 CMOS RAM
logo
Siemens Semiconductor G...
HYB514256B SIEMENS-HYB514256B Datasheet
215Kb / 22P
   256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
logo
National Semiconductor ...
NMC6551 NSC-NMC6551 Datasheet
219Kb / 6P
   1024-Bit (256 x 4) Static RAM
logo
Cypress Semiconductor
CY7C194B CYPRESS-CY7C194B Datasheet
256Kb / 13P
   256 Kb (64K x 4) Static RAM
CY7C194BN CYPRESS-CY7C194BN Datasheet
397Kb / 10P
   256 Kb (64K x 4) Static RAM
logo
Toshiba Semiconductor
TC5501P TOSHIBA-TC5501P Datasheet
156Kb / 8P
   256 WORD x 4 BIT CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com