Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL16VOKI Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100EL16VOKI
Description  3.3V/5V 800MHz PRECISION PECL AMPLIFIER WITH LOW GAIN FEEDBACK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL16VOKI Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100EL16VOKI Datasheet HTML 1Page - Micrel Semiconductor SY100EL16VOKI Datasheet HTML 2Page - Micrel Semiconductor SY100EL16VOKI Datasheet HTML 3Page - Micrel Semiconductor SY100EL16VOKI Datasheet HTML 4Page - Micrel Semiconductor SY100EL16VOKI Datasheet HTML 5Page - Micrel Semiconductor SY100EL16VOKI Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DESCRIPTION
FEATURES
3.3V/5V 800MHz
PRECISION PECL AMPLIFIER
WITH LOW GAIN FEEDBACK
SY100EL16VO
FINAL
s 3.3V and 5V
±10% power supply options
s Guaranteed AC parameters over temperature:
•f
MAX = 800MHz
• < 200ps differential propagation delay (D to Q
FB)
• < 730ps differential propagation delay (D to Q
HG)
• < 250ps t
r /tf
s Low gain feedback path Q
FB = +10V/V
s Output enable
s V
BB reference output voltage
s Wide temperature range: –40
°C to +85°C
s Available in 10-pin (3
×××××3mm) MSOP
PIN CONFIGURATION
BLOCK DIAGRAM
/EN
QFB
/QFB
D
/D
VBB
QHG
VEE
VCC
/QHG
D
LEN
Q
LATCH
1
Rev.: C
Amendment: /0
Issue Date:
February 2003
VBB
/EN
6
5
1
QFB
/QFB
D
/D
10 VCC
QHG
/QHG
VEE
9
8
7
2
3
4
Pin
Function
Q
FB, /QFB
Differential clock outputs for feedback path:
Nominal DC gain +10.
D, /D
PECL, LVPECL, ECL, LVECL differential inputs:
Internal 75k
Ω pull-down resistor.
V
BB
V
CC –1.32V reference voltage for single-ended
inputs: It provides the switching reference for the
input differential amplifier. When unused, it can be
left open. For single-ended PECL applications
connect V
BB to /D input, and bypass with a 0.01µF
capacitor to V
CC.
/EN
Enable: PECL compatible input control with internal
75k
Ω pull-down resistor. It controls the high-gain
output (Q
HG). When HIGH, QHG is low and /QHG is
high. /EN is synchronous so that the outputs will only
be enabled/disabled when they are in the LOW state.
V
EE
Negative power supply: For ECL/LVECL operation,
connect to negative supply. For PECL/ LVPECL
operation, connect to GND.
Q
HG, /QHG
Differential high-gain outputs: Nominal DC gain is
greater than +200.
V
CC
Positive power supply: For ECL/LVECL operation,
connect to V
CC = 0V. For PECL/ LVPECL operation,
connect to either 3.3V or 5.0V. Bypass with 0.1
µF//
0.01
µF low ESR capacitors.
PIN NAMES
The SY100EL16VO is a differential receiver amplifier
optimized for crystal oscillator applications. The device includes
an additional low gain (+10V/V) output stage (Q
FB) ideal for
feedback applications common in crystal oscillator gain blocks.
The SY100EL16VO is fully differential, with a bandwidth
> 800MHz over temperature and voltage. For applications that
require output disable control, an Enable pin (/EN) will force
the differential output into a fixed logic state. The
SY100EL16VO also includes a V
BB reference voltage for
single-ended or AC-coupled applications.
The SY100EL16VO PECL logic is 100k ECL compatible.
Operation is guaranteed over the –40
°C to +85°C temperature
range and 3.3V to 5V nominal supply voltage range.
/EN
QHG Out
/QHG Out
0
Data
/Data
1
Logic Low
Logic High
TRUTH TABLE


Similar Part No. - SY100EL16VOKI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL16VO MICREL-SY100EL16VO Datasheet
88Kb / 5P
   DUAL SUPPLY OCTAL ECL-TO-TTL
More results

Similar Description - SY100EL16VOKI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89207L MICREL-SY89207L Datasheet
55Kb / 6P
   3.3V 800MHz PRECISION PECL AMPLIFIER WITH LOW-GAIN FEEDBACK
SY88813V MICREL-SY88813V Datasheet
56Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER WITH PECL SIGNAL DETECT
SY88933V MICREL-SY88933V Datasheet
63Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER
SY88803V MICREL-SY88803V_06 Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER
SY88793V MICREL-SY88793V Datasheet
61Kb / 8P
   3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88713V MICREL-SY88713V Datasheet
55Kb / 8P
   3.3V/5V 622 Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/PECL SIGNAL DETECT
logo
Golledge Electronics Lt...
GVXO-34 GOLLEDGE-GVXO-34_15 Datasheet
126Kb / 1P
   3.3V & 5V VCXO - Complementary PECL
logo
Maxim Integrated Produc...
MAX2056 MAXIM-MAX2056 Datasheet
716Kb / 12P
   800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 2/05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com