Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100E310JY Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100E310JY
Description  3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E310JY Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100E310JY Datasheet HTML 1Page - Micrel Semiconductor SY100E310JY Datasheet HTML 2Page - Micrel Semiconductor SY100E310JY Datasheet HTML 3Page - Micrel Semiconductor SY100E310JY Datasheet HTML 4Page - Micrel Semiconductor SY100E310JY Datasheet HTML 5Page - Micrel Semiconductor SY100E310JY Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SY100E310L
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Supply Voltage (VCC) ................................. –0.5V to +4.0V
Input Voltage (VIN) ........................................ –0.5V to VCC
Termination Current(3)
Source or sink current on VBB (IBB)..................... ±0.5mA
Input Current
Source or sink current
(CLKA, /CLKA, CLKB, /CLKB, CLK_SEL) .........
±50mA
Lead Temperature (soldering, 20 sec.) ................... +260
°C
Storage Temperature (TS) ...................... –65°C to +150°C
Operating Ratings(2)
Supply Voltage (VCC) ................................. +3.0V to +3.6V
Ambient Temperature (TA) ........................ –40°C to +85°C
Package Thermal Resistance
PLCC
JA)
Still-Air ......................................................... 63.5
°C/W
500lfpm ........................................................ 43.5
°C/W
T
A = –40°C to +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
CC
Power Supply
3.0
3.3
3.6
V
DC ELECTRICAL CHARACTERISTICS(4)
V
CC = +3.3V, VEE = 0V; TA = –40°C to +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
CC
Power Supply Current
No load, max. V
CC
55
70
mA
V
OH
Output High Voltage
R
L = 50Ω to VCC –2V
2215
2345
2420
mV
(Q0-Q7, /Q0-/Q7)
V
OL
Output Low Voltage
R
L = 50Ω to VCC –2V
1470
1595
1680
mV
(Q0-Q7, /Q0-/Q7)
V
IH
Input High Voltage
2135
2420
mV
(CLKA, /CLKA, CLKB, /CLKB, CLK_SEL)
V
IL
Input Low Voltage
1490
1825
mV
(CLKA, /CLKA, CLKB, /CLKB, CLK_SEL)
V
IHCMR
Input High Voltage Common
Note 6
1.8
2.9
V
Mode Range (Differential)
(CLKA, / CLKA, CLKB, /CLKB)
V
BB
Output Reference Voltage
1.92
2.04
V
I
IN
Input HIGH Current
150
µA
(CLKA, /CLKA, CLKB,/CLKB, CLK_SEL)
I
IL
Input LOW Current
0.5
µA
(CLKA, /CLKA, CLKB, /CLKB, CLK_SEL)
Notes:
1. Permanent device damage may occur if Absolute Maximum Ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to Absolute Maximum Ratlng conditions for extended
periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Due to the limited drive capability use for input of the same package only.
4. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
5. Input and output parameters vary 1:1 with V
CC. VCC can vary ±0.3V.
6. V
IHCMR is defined as the range within which the VIH level may vary with the device still meeting the propagation delay specification. The VIL level
must be such that the peak-to-peak voltage is less than 1.0V and then greater than or equal to V
PP(min).
LVPECL DC ELECTRICAL CHARACTERISTICS(4, 5)


Similar Part No. - SY100E310JY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310LJI MICREL-SY100E310LJI Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310LJITR MICREL-SY100E310LJITR Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310LJY MICREL-SY100E310LJY Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310LJYTR MICREL-SY100E310LJYTR Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
More results

Similar Description - SY100E310JY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC100LVE310 ONSEMI-MC100LVE310_06 Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY10EP11U MICREL-SY10EP11U Datasheet
512Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com