Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100ELT28KC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100ELT28KC
Description  5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100ELT28KC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100ELT28KC Datasheet HTML 1Page - Micrel Semiconductor SY100ELT28KC Datasheet HTML 2Page - Micrel Semiconductor SY100ELT28KC Datasheet HTML 3Page - Micrel Semiconductor SY100ELT28KC Datasheet HTML 4Page - Micrel Semiconductor SY100ELT28KC Datasheet HTML 5Page - Micrel Semiconductor SY100ELT28KC Datasheet HTML 6Page - Micrel Semiconductor SY100ELT28KC Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
SY10ELT28
SY100ELT28
Micrel
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage
–0.5 to +7.0
V
VIN
Input Voltage
0 to +6.0
V
IOUT
PECL Output Current
–Continuous
50
mA
–Surge
100
TA
Operating Temperature Range
–40 to +85
°C
Tstore
Storage Temperature Range
–65 to +150
°C
θ
JA
Package Thermal Resistance
–Still-Air
(SOIC)
160
°C/W
(Junction-to-Ambient)
–500lfpm (SOIC)
109
–Still-Air
(MSOP)
206
°C/W
–500lfpm (MSOP)
155
θ
JC
Package Thermal Resistance
(SOIC)
39
°C/W
(Junction-to-Case)
(MSOP)
39
ABSOLUTE MAXIMUM RATINGS(1)
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
VCC
Power Supply Voltage
4.75
5.0
5.5
4.75
5.0
5.5
4.75
5.0
5.5
V
ICC
Power Supply Current
23
40
22
40
25
40
mA
CIN
Input Capacitance
(SOIC)
0.75
————
pF
(MSOP)
1.1
————
pF
DC ELECTRICAL CHARACTERISTICS(1)
VCC = +5V ±10%; VEE = 0V
NOTE:
1. 10/100KELT circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is
in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. Input and output parameters vary 1:1 with
VCC. VCC can vary ±0.25V.
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
VOH
Output HIGH Voltage
3920
4010
4110
4020
4105
4190
4090
4185
4280
mV
50
Ω V
CC–2V
VOL
Output LOW Voltage
3050
3200
3350
3050
3210
3370
3050
3227
3405
mV
50
Ω V
CC–2V
VIH
Input HIGH Voltage
3770
4110
3870
4190
3940
4280
mV
(Single-Ended)
VIL
Input LOW Voltage
3050
3500
3050
3520
3050
3555
mV
(Single-Ended)
VIHCMR
Input HIGH Voltage
1.2
VCC
1.2
VCC
1.2
VCC
mV
Common Mode Range(2)
10K PECL DC ELECTRICAL CHARACTERISTICS(1)
V
CC = +5.0V ±10%
NOTES:
1. 10/100KELT circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is
in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
2. VIHCMR (Min) varies 1:1 with GND, VIHCMR (Max) varies 1:1 with VCC.
NOTE:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG conditions for extended
periods may affect device reliability.


Similar Part No. - SY100ELT28KC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100ELT20V MICREL-SY100ELT20V Datasheet
119Kb / 6P
   5V/3.3V TTL-TO-DIFFERENTIAL PECL TRANSLATOR
SY100ELT20VZC MICREL-SY100ELT20VZC Datasheet
50Kb / 4P
   5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY100ELT20VZC MICREL-SY100ELT20VZC Datasheet
119Kb / 6P
   5V/3.3V TTL-TO-DIFFERENTIAL PECL TRANSLATOR
SY100ELT20VZCTR MICREL-SY100ELT20VZCTR Datasheet
50Kb / 4P
   5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY100ELT20VZCTR MICREL-SY100ELT20VZCTR Datasheet
119Kb / 6P
   5V/3.3V TTL-TO-DIFFERENTIAL PECL TRANSLATOR
More results

Similar Description - SY100ELT28KC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
MC10ELT20 ONSEMI-MC10ELT20_15 Datasheet
83Kb / 7P
   5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
Micrel Semiconductor
SY10ELT20V MICREL-SY10ELT20V_06 Datasheet
119Kb / 6P
   5V/3.3V TTL-TO-DIFFERENTIAL PECL TRANSLATOR
logo
Fairchild Semiconductor
100ELT22 FAIRCHILD-100ELT22 Datasheet
119Kb / 5P
   5V Dual TTL to Differential PECL Translator
logo
Micrel Semiconductor
SY10ELT20V MICREL-SY10ELT20V Datasheet
50Kb / 4P
   5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com