Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN8539SH Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN8539SH
Description  300 MHz-band single PLL IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8539SH Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN8539SH Datasheet HTML 1Page - Panasonic Semiconductor AN8539SH Datasheet HTML 2Page - Panasonic Semiconductor AN8539SH Datasheet HTML 3Page - Panasonic Semiconductor AN8539SH Datasheet HTML 4Page - Panasonic Semiconductor AN8539SH Datasheet HTML 5Page - Panasonic Semiconductor AN8539SH Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AN8539SH
ICs for Mobile Communication
2
Parameter
Symbol
Range
Unit
Supply voltage
VCC
2.55 to 3.3
V
s Recommended Operating Range
s Pin Descriptions
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
3.6
V
Supply current
ICC
3.5
mA
Power dissipation *
2
PD
12.6
mW
Operating ambient temperature *
1
Topr
−30 to +85
°C
Storage temperature *
1
Tstg
−55 to +125
°C
s Absolute Maximum Ratings
Note) *1: Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25°C.
*2: Ta = 85°C
Pin No.
Symbol
Description
I/O
Level
1
CPSUB
Sub charge pump output
O
CMOS
2
CP
Charge pump output
O
CMOS
3
GND
GND pin

4
IFIN
IF input
I
ECL
5
PS
Power save control
I
CMOS
6
SW
Sub charge pump control
I
CMOS
7VCC
Power supply pin

8
REF
Reference frequency input
I
ECL
9
SELECT
IF frequency changeover control
I
CMOS
10
LD
Lock detection output
O
CMOS
s Electrical Characteristics at V
CC = 2.7 V, fREFIN = 12.8 MHz, VREFIN = 0.6 V[p-p], Ta = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Consumption current 1
ICC1
SELECT
= high
0.90
1.21
mA
At 178 MHz lock
Consumption current 2
ICC2
Power save mode
010
µA
At PS
= GND setting
Reference signal input level
VREFIN fREFIN = 12.8 MHz
0.5
1.2
V[p-p]
High-level input voltage
VIH
2.16
3.30
V
Low-level input voltage
VIL
0
0.54
V
High-level input current
IIH
At VIH = 2.16 V applied
− 10
1
µA
Low-level input current
IIL
At VIL = 0 V applied
− 10
1
µA


Similar Part No. - AN8539SH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8538 PANASONIC-AN8538 Datasheet
50Kb / 5P
   Single PLL IC for cellular phone
AN8538SH PANASONIC-AN8538SH Datasheet
50Kb / 5P
   Single PLL IC for cellular phone
More results

Similar Description - AN8539SH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN26027A PANASONIC-AN26027A Datasheet
285Kb / 12P
   Single band LNA-IC for 600 MHz band applications
logo
Sony Corporation
CXA1786N SONY-CXA1786N Datasheet
183Kb / 12P
   1.1GHz-band PLL IC for Mobile Communications
CXA1787N SONY-CXA1787N Datasheet
176Kb / 13P
   2GHz-band PLL IC for Mobile Communications
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
logo
Panasonic Battery Group
AN26032A PANASONICBATTERY-AN26032A Datasheet
348Kb / 11P
   Ultra small , Single Band LNA-IC with Band-limiting filter for 600 MHz Band Applications
AN26027A PANASONICBATTERY-AN26027A_13 Datasheet
337Kb / 12P
   Ultra small, Low NF, Single Band LNA-IC for 600 MHz Band Applications
logo
Panasonic Semiconductor
AN8538SH PANASONIC-AN8538SH Datasheet
50Kb / 5P
   Single PLL IC for cellular phone
logo
Sony Corporation
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com