Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EL38 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10EL38
Description  5V/3.3V 첨2, 첨4/6 CLOCK GENERATION CHIP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL38 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10EL38 Datasheet HTML 1Page - Micrel Semiconductor SY10EL38 Datasheet HTML 2Page - Micrel Semiconductor SY10EL38 Datasheet HTML 3Page - Micrel Semiconductor SY10EL38 Datasheet HTML 4Page - Micrel Semiconductor SY10EL38 Datasheet HTML 5Page - Micrel Semiconductor SY10EL38 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Precision Edge®
SY10EL38/L
SY100EL38/L
Micrel, Inc.
M9999-031006
hbwhelp@micrel.com or (408) 955-1690
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
mA
10EL
35
50
65
35
65
35
65
35
65
100EL
35
50
65
35
65
35
65
35
75
VBB
Output Reference
V
Voltage
10EL
-1.43
-1.30
-1.38
-1.27
-1.35
-1.25
-1.31
-1.19
100EL
-1.38
-1.26
-1.38
-1.26
-1.38
-1.26
-1.38
-1.26
IIH
Input High Current
150
150
150
150
µA
DC ELECTRICAL CHARACTERISTICS(1)
VEE = VEE (Min.) to VEE (Max.); VCC = GND
NOTE:
1. Parametric values specified at:
5 volt Power Supply Range
100EL38 Series:
-4.2V to -5.5V.
10EL38 Series
-4.75V to -5.5V.
3 volt Power Supply Range
10/100EL38L Series:
-3.0V to -3.8V.
CLK
EN
MR
Function
Z
L
L
Divide
ZZ
H
L
Hold Q0–3
X
X
H
Reset Q0–3
TRUTH TABLE
NOTE:
Z = LOW-to-HIGH transition
ZZ = HIGH-to-LOW transition
DIVSEL
Q2, Q3 OUTPUTS
0
Divide by 4
1
Divide by 6
Pin
Function
CLK
Differential Clock Inputs
EN
Synchronous Enable
MR
Master Reset
VBB
Reference Output
Q0, Q1
Differential
÷2 Outputs
Q2, Q3
Differential
÷4/6 Outputs
DIVSEL
Frequency Select Input
PIN NAMES


Similar Part No. - SY10EL38

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31 Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
SY10EL31 MICREL-SY10EL31 Datasheet
51Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
SY10EL31ZC MICREL-SY10EL31ZC Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
SY10EL31ZC MICREL-SY10EL31ZC Datasheet
51Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
SY10EL31ZCTR MICREL-SY10EL31ZCTR Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
More results

Similar Description - SY10EL38

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34 Datasheet
57Kb / 4P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
logo
Microchip Technology
SY100EL34 MICROCHIP-SY100EL34 Datasheet
752Kb / 14P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
02/28/20
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34_06 Datasheet
61Kb / 5P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY10EL34 MICREL-SY10EL34_11 Datasheet
176Kb / 7P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
MC10EP139 ONSEMI-MC10EP139_06 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100EL39 ONSEMI-MC100EL39 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
MC100LVEL38 ONSEMI-MC100LVEL38 Datasheet
128Kb / 5P
   첨2, 첨4/6 Clock Generation Chip
1996 REV 1
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com