Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM124AE Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM124AE
Description  Low Power Quad Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM124AE Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM124AE Datasheet HTML 5Page - National Semiconductor (TI) LM124AE Datasheet HTML 6Page - National Semiconductor (TI) LM124AE Datasheet HTML 7Page - National Semiconductor (TI) LM124AE Datasheet HTML 8Page - National Semiconductor (TI) LM124AE Datasheet HTML 9Page - National Semiconductor (TI) LM124AE Datasheet HTML 10Page - National Semiconductor (TI) LM124AE Datasheet HTML 11Page - National Semiconductor (TI) LM124AE Datasheet HTML 12Page - National Semiconductor (TI) LM124AE Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
LM124A RAD HARD AC/DC Electrical Characteristics (Note 10)
(The following conditions apply to all the following parameters, unless otherwise specified.) All voltages referenced to device
ground.
SYMBOL
PARAMETER
CONDITIONS
NOTES
MIN
MAX
UNIT
SUB-
GROUPS
Vol
Logical "0" Output
Voltage
Vcc+ = 30V, Vcc- = Gnd,
Rl = 10K Ohms
35
mV
4, 5, 6
Vcc+ = 30V, Vcc- = Gnd,
Iol = 5mA
1.5
V
4,5,6
Vcc+ = 4.5V, Vcc- = Gnd,
Iol = 2uA
0.4
V
4,5,6
Voh
Logical "1" Output
Voltage
Vcc+ = 30V, Vcc- = Gnd,
Ioh = -10mA
27
V
4,5,6
Vcc+ = 4.5V, Vcc- = Gnd,
Ioh = -10mA
2.4
V
4,5,6
Avs+
Voltage Gain
Vcc+ = 30V, Vcc- = Gnd,
1V
≤ Vo ≤ 26V, Rl = 10K Ohms
50
V/mV
4
25
V/mV
5, 6
Vcc+ = 30V, Vcc- = Gnd,
5V
≤ Vo ≤ 20V, Rl = 2K Ohms
50
V/mV
4
25
V/mV
5, 6
Avs
Voltage Gain
Vcc+ = 5V, Vcc- = Gnd,
1V
≤ Vo ≤ 2.5V, Rl = 10K Ohms
10
V/mV
4, 5, 6
Vcc+ = 5V, Vcc- = Gnd,
1V
≤ Vo ≤ 2.5V, Rl = 2K Ohms
10
V/mV
4, 5, 6
+Vop
Maximum Output
Voltage Swing
Vcc+ = 30V, Vcc- = Gnd,
Vo = +30V, Rl = 10K Ohms
27
V
4,5,6
Vcc+ = 30V, Vcc- = Gnd,
Vo = +30V, Rl = 2K Ohms
26
V
4,5,6
TR(tr)
Transient Response:
Rise Time
Vcc+ = 30V, Vcc- = Gnd
1
uS
7, 8A, 8B
TR(os)
Transient Response:
Overshoot
Vcc+ = 30V, Vcc- = Gnd
50
%
7, 8A, 8B
±Sr
Slew Rate: Rise
Vcc+ = 30V, Vcc- = Gnd
0.1
V/uS
7, 8A, 8B
Slew Rate: Fall
Vcc+ = 30V, Vcc- = Gnd
0.1
V/uS
7, 8A, 8B
www.national.com
9


Similar Part No. - LM124AE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM124AE/883 TI1-LM124AE/883 Datasheet
456Kb / 30P
[Old version datasheet]   LM124AQML LM124QML Low Power Quad Operational Amplifiers
LM124AE/883 TI1-LM124AE/883 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power Quad Operational Amplifiers
More results

Similar Description - LM124AE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
[Old version datasheet]   Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com