Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA0013E Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HA0013E
Description  A/D Type 8-Bit OTP MCU
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HA0013E Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HA0013E Datasheet HTML 5Page - Holtek Semiconductor Inc HA0013E Datasheet HTML 6Page - Holtek Semiconductor Inc HA0013E Datasheet HTML 7Page - Holtek Semiconductor Inc HA0013E Datasheet HTML 8Page - Holtek Semiconductor Inc HA0013E Datasheet HTML 9Page - Holtek Semiconductor Inc HA0013E Datasheet HTML 10Page - Holtek Semiconductor Inc HA0013E Datasheet HTML 11Page - Holtek Semiconductor Inc HA0013E Datasheet HTML 12Page - Holtek Semiconductor Inc HA0013E Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
HT46R14
Rev. 1.00
9
November 1, 2005
time-out or executing the
²CLR WDT² or ²HALT² in-
struction. The PDF flag can be affected only by exe-
cuting the
²HALT² or ²CLR WDT² instruction or a
system power-up.
The Z, OV, AC and C flags generally reflect the status of
the latest operations.
In addition, on entering the interrupt sequence or exe-
cuting the subroutine call, the status register will not be
pushed onto the stack automatically. If the contents of
the status are important and if the subroutine can cor-
rupt the status register, precautions must be taken to
save it properly.
Interrupt
The devices provides two external interrupts, two inter-
nal timer/event counter 0/1 interrupts, one comparator
interrupt, and A/D converter interrupt. The interrupt con-
trol register 0 (INTC0;0BH) and interrupt control register
1 (INTC1;1EH) both contain the interrupt control bits
that are used to set the enable/disable status and inter-
rupt request flags.
Once an interrupt subroutine is serviced, other inter-
rupts are all blocked (by clearing the EMI bit). This
scheme may prevent any further interrupt nesting. Other
interrupt requests may take place during this interval,
but only the interrupt request flag will be recorded. If a
certain interrupt requires servicing within the service
routine, the EMI bit and the corresponding bit of the
INTC0 or of INTC1 may be set in order to allow interrupt
nesting. Once the stack is full, the interrupt request will
not be acknowledged, even if the related interrupt is en-
abled, until the SP is decremented. If immediate service
is desired, the stack should be prevented from becom-
ing full.
All these interrupts can support a wake-up function. As
an interrupt is serviced, a control transfer occurs by
pushing the contents of the program counter onto the
stack followed by a branch to a subroutine at the speci-
fied location in the ROM. Only the contents of the pro-
gram counter is pushed onto the stack. If the contents of
the register or of the status register (STATUS) is altered
by the interrupt service program which corrupts the de-
sired control sequence, the contents should be saved in
advance.
External interrupts are triggered by a high to low transi-
tion of INT0 or INT1, and the related interrupt request
flag (EI0F;bit 4 of the INTC0, EI1F;bit 5 of the INTC0) is
set as well. After the interrupt is enabled, the stack is not
full, and the external interrupt is active, a subroutine call
to location 04H or 08H occurs. The interrupt request flag
(EI0F or EI1F) and EMI bits are all cleared to disable
other interrupts.
The Comparator 0 output Interrupt is initialized by set-
ting the Comparator 0 output Interrupt request flag
(C0F; bit 6 of the INTC0), which is caused by a falling
edge transition of comparator 0 output. After the inter-
rupt is enabled, and the stack is not full, and the C0F bit
is set, a subroutine call to location 0CH occurs. The re-
lated interrupt request flag (C0F) is reset, and the EMI
bit is cleared to disable further maskable interrupts.
The internal Timer/Event Counter 0 interrupt is initial-
ized by setting the Timer/Event Counter 0 interrupt re-
quest flag (T0F;bit 4 of the INTC1), which is normally
caused by a timer overflow. After the interrupt is en-
abled, and the stack is not full, and the T0F bit is set, a
subroutine call to location 010H occurs. The related in-
terrupt request flag (T0F) is reset, and the EMI bit is
cleared to disable further interrupts. The Timer/Event
Counter 1 is operated in the same manner, The
Timer/Event Counter 1 related interrupt request flag is
T1F (bit 5 of the INTC1) and its subroutine call location
is 014H. The related interrupt request flag (T1F) will be
reset and the EMI bit cleared to disable further inter-
rupts.
Bit No.
Label
Function
0C
C is set if an operation results in a carry during an addition operation or if a borrow does not take
place during a subtraction operation, otherwise C is cleared. C is also affected by a rotate
through carry instruction.
1AC
AC is set if an operation results in a carry out of the low nibbles in addition or no borrow from the
high nibble into the low nibble in subtraction, otherwise AC is cleared.
2
Z
Z is set if the result of an arithmetic or logic operation is zero, otherwise Z is cleared.
3OV
OV is set if an operation results in a carry into the highest-order bit but not a carry out of the high-
est-order bit, or vice versa, otherwise OV is cleared.
4
PDF
PDF is cleared by system power-up or executing the
²CLR WDT² instruction. PDF is set by exe-
cuting the
²HALT² instruction.
5TO
TO is cleared by a system power-up or executing the
²CLR WDT² or ²HALT² instruction. TO is
set by a WDT time-out.
6, 7
¾
Unused bit, read as
²0²
Status (0AH) Register


Similar Part No. - HA0013E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HA0016E HOLTEK-HA0016E Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HA0018E HOLTEK-HA0018E Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
More results

Similar Description - HA0013E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
   A/D Type 8-Bit OTP MCU
HT46R14A HOLTEK-HT46R14A Datasheet
320Kb / 49P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A_09 Datasheet
297Kb / 43P
   A/D Type 8-Bit OTP MCU
HT46R12 HOLTEK-HT46R12 Datasheet
307Kb / 45P
   A/D Type 8-Bit OTP MCU
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A Datasheet
317Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R53A HOLTEK-HT46R53A Datasheet
303Kb / 43P
   A/D Type 8-Bit OTP MCU
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com