Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT46R14 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT46R14
Description  A/D Type 8-Bit OTP MCU
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R14 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT46R14 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
¾
2.2V~5.5V
400
¾
4000
kHz
¾
3.3V~5.5V
400
¾
8000
kHz
fTIMER
Timer I/P Frequency
(TMR0/TMR1)
¾
2.2V~5.5V
0
¾
4000
kHz
¾
3.3V~5.5V
0
¾
8000
kHz
tWDTOSC
Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Power-up or Wake-up
from HALT
¾
1024
¾
*tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tAD
A/D Clock Period
¾¾
1
¾¾
ms
tADC
A/D Conversion Time
¾¾
¾
76
¾
tAD
tADCS
A/D Sampling Time
¾¾
¾
32
¾
tAD
tCOMP
Comparator Response Time
¾¾
¾
¾
3
ms
Note: *tSYS=1/fSYS
HT46R14
Rev. 1.00
5
November 1, 2005
Functional Description
Execution Flow
The system clock for the microcontroller is derived from
either a crystal or an RC oscillator. The system clock is
internally divided into four non-overlapping clocks. One
instruction cycle consists of four system clock cycles.
Instruction fetching and execution are pipelined in such
a way that a fetch takes an instruction cycle while de-
coding and execution takes the next instruction cycle.
However, the pipelining scheme causes each instruc-
tion to effectively execute in a cycle. If an instruction
changes the program counter, two cycles are required to
complete the instruction.
Program Counter - PC
The program counter (PC) controls the sequence in
which the instructions stored in program PROM are exe-
cuted and its contents specify full range of program
memory.
After accessing a program memory word to fetch an in-
struction code, the contents of the program counter are in-
cremented by one. The program counter then points to the
memory word containing the next instruction code.
When executing a jump instruction, conditional skip ex-
ecution, loading PCL register, subroutine call, initial re-
set, internal interrupt, external interrupt or return from
subroutine, the PC manipulates the program transfer by
loading the address corresponding to each instruction.
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
F e t c h I N S T ( P C )
E x e c u t e I N S T ( P C - 1 )
F e t c h I N S T ( P C + 1 )
E x e c u t e I N S T ( P C )
F e t c h I N S T ( P C + 2 )
E x e c u t e I N S T ( P C + 1 )
P C
P C + 1
P C + 2
S y s t e m C l o c k
O S C 2 ( R C o n l y )
P C
Execution Flow


Similar Part No. - HT46R14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R14A HOLTEK-HT46R14A Datasheet
320Kb / 49P
   A/D Type 8-Bit OTP MCU
More results

Similar Description - HT46R14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
   A/D Type 8-Bit OTP MCU
HT46R14A HOLTEK-HT46R14A Datasheet
320Kb / 49P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A_09 Datasheet
297Kb / 43P
   A/D Type 8-Bit OTP MCU
HT46R12 HOLTEK-HT46R12 Datasheet
307Kb / 45P
   A/D Type 8-Bit OTP MCU
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A Datasheet
317Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R53A HOLTEK-HT46R53A Datasheet
303Kb / 43P
   A/D Type 8-Bit OTP MCU
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com