Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP8303A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8303A
Description  8-Bit TRI-STATE-R Bidirectional Transceiver (Inverting)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8303A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP8303A Datasheet HTML 1Page - National Semiconductor (TI) DP8303A Datasheet HTML 2Page - National Semiconductor (TI) DP8303A Datasheet HTML 3Page - National Semiconductor (TI) DP8303A Datasheet HTML 4Page - National Semiconductor (TI) DP8303A Datasheet HTML 5Page - National Semiconductor (TI) DP8303A Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5856
February 1996
DP8303A 8-Bit TRI-STATE
Bidirectional Transceiver (Inverting)
General Description
This family of high speed Schottky 8-bit TRI-STATE bidirec-
tional transceivers are designed to provide bidirectional
drive for bus oriented microprocessor and digital communi-
cations systems They are all capable of sinking 16 mA on
the A ports and 48 mA on the B ports (bus ports) PNP
inputs for low input current and an increased output high
(VOH) level allow compatibility with MOS CMOS and other
technologies that have a higher threshold and less drive
capabilities In addition they all feature glitch-free power
updown on the B port preventing erroneous glitches on the
system bus in power up or down
DP8303A and DP7304BDP8304B are featured with Trans-
mitReceive (TR) and Chip Disable (CD) inputs to simplify
control logic For greater design flexibility DP8307A and
DP7308DP8308 are featured with Transmit (T) and
Receive (R) control inputs
Features
Y
8-bit directional data flow reduces system package
count
Y
Bidirectional TRI-STATE inputsoutputs interface with
bus oriented systems
Y
PNP inputs reduce input loading
Y
Output high voltage interfaces with TTL
MOS
and
CMOS
Y
48 mA300 pF bus drive capability
Y
Pinouts simplify system interconnections
Y
TransmitReceive and chip disable simplify control logic
Y
Compact 20-pin dual-in-line package
Y
Bus port glitch free power updown
Logic and Connection Diagrams
TLF5856 – 1
Dual-In-Line Package
TLF5856 – 2
Top View
Order Number DP8303AN
See NS Package Number N20A
Logic Table
Inputs
Resulting Conditions
Chip Disable
TransmitReceive
A Port
B Port
0
0
OUT
IN
0
1
IN
OUT
1
X
TRI-STATE
TRI-STATE
X e Don’t care
TRI-STATE
is a registered trademark of National Semiconductor Corp
C1996 National Semiconductor Corporation
RRD-B30M36Printed in U S A
http
www nationalcom


Similar Part No. - DP8303A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP8303J ETC1-DP8303J Datasheet
442Kb / 6P
   OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
DP8303JB ETC1-DP8303JB Datasheet
442Kb / 6P
   OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
DP8303N ETC1-DP8303N Datasheet
442Kb / 6P
   OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
DP8303NB ETC1-DP8303NB Datasheet
442Kb / 6P
   OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
More results

Similar Description - DP8303A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8307A NSC-DP8307A Datasheet
126Kb / 6P
   DP8307A 8-Bit TRI-STATE-R Bidirectional Transceiver (Inverting)
DP8308 NSC-DP8308 Datasheet
128Kb / 6P
   8-Bit TRI-STATE Bidirectional Transceiver (Non-Inverting)
DP7304 NSC-DP7304 Datasheet
295Kb / 5P
   8 BIT TRI-STATE BIDIRECTIONAL TRANSCEIVER
DS3667 NSC-DS3667 Datasheet
120Kb / 6P
   TRI-STATE Bidirectional Transceiver
MM74HC242 NSC-MM74HC242 Datasheet
134Kb / 6P
   Inverting Quad TRI-STATE Transceiver
MM54HCT640 NSC-MM54HCT640 Datasheet
140Kb / 4P
   Inverting Octal TRI-STATE Transceiver
MM74HC640 NSC-MM74HC640 Datasheet
145Kb / 6P
   Inverting Octal TRI-STATE Transceiver
SCAN18245T NSC-SCAN18245T Datasheet
193Kb / 16P
   Non-Inverting Transceiver with TRI-STATE Outputs
54F579 NSC-54F579 Datasheet
197Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
54F779 NSC-54F779 Datasheet
176Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com