Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM7905T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # COM7905T
Description  COMMERCIAL OFF-THE-SHELF FIXED VOLTAGE NEGATIVE REGULATORS IN TO-257
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM7905T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  COM7905T Datasheet HTML 1Page - List of Unclassifed Manufacturers COM7905T Datasheet HTML 2Page - List of Unclassifed Manufacturers COM7905T Datasheet HTML 3Page - List of Unclassifed Manufacturers COM7905T Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.3 - 1
3.3
COM7905T
COM7912T
Three Terminal, Fixed Voltage, 1.5 Amp
Precision Negative Regulators In Hermetic
JEDEC TO-257AA Package
8 09 R0
(COTS) COMMERCIAL OFF-THE-SHELF FIXED
V O LTAGE NEGATIVE REGULATORS IN TO-257
FEATURES
• Isolated Hermetic Package, JEDEC TO-257AA Outline
• Output Voltages: -5V, -12V, -15V
• Output Voltages Set Internally To ± 2%
• Built-In Thermal Overload Protection
• Short Circuit Current Limiting
• Standard Off-The-Shelf
DESCRIPTION
These three terminal negative regulators are supplied in a hermetically sealed
metal package whose outline is similar to the industry standard TO-220 plastic
package.
All protective features are designed into the circuit, including thermal
shutdown, current limiting and safe-area control.
With heat sinking, they can deliver
over 1.5 amps of output current.
These units feature internally trimmed output
voltages to 2% of nominal voltage. Standard voltages are -5V, -12V, and -15V.
However, other voltages are available up to -24 volts. These units are ideally suited
for Military applications where a hermetically sealed package is required.
ABSOLUTE MAXIMUM RATINGS @ 25°C
Input Voltage ................................................................. -35 V
Operating Junction Temperature Range .......................... - 55°C to + 150°C
Storage Temperature Range ..................................... - 65°C to + 150°C
Typical Power/Thermal Characteristics:
Rated Power @ 25° C
T
C .............................................. 17.5W
T
A ................................................. 3 W
Thermal Resistance
q
JC ............................................ 4.2°C/W
q
JA ............................................ 42°C/W
COM7915T


Similar Part No. - COM7905T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM7805T ETC-COM7805T Datasheet
42Kb / 4P
   COMMERCIAL OFF-THE-SHELF POSITIVE FIXED VOLTAGE REGULATORS IN TO-257 PAC K
COM7812 ETC-COM7812 Datasheet
42Kb / 4P
   COMMERCIAL OFF-THE-SHELF POSITIVE FIXED VOLTAGE REGULATORS IN TO-257 PAC K
COM7812T ETC-COM7812T Datasheet
42Kb / 4P
   COMMERCIAL OFF-THE-SHELF POSITIVE FIXED VOLTAGE REGULATORS IN TO-257 PAC K
COM7815T ETC-COM7815T Datasheet
42Kb / 4P
   COMMERCIAL OFF-THE-SHELF POSITIVE FIXED VOLTAGE REGULATORS IN TO-257 PAC K
More results

Similar Description - COM7905T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM7812 ETC-COM7812 Datasheet
42Kb / 4P
   COMMERCIAL OFF-THE-SHELF POSITIVE FIXED VOLTAGE REGULATORS IN TO-257 PAC K
COM137T ETC-COM137T Datasheet
18Kb / 2P
   (COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP NEGATIVE, ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PKG
COM117T ETC-COM117T Datasheet
17Kb / 2P
   (COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PACKAGE
logo
Microsemi Corporation
SG7900 MICROSEMI-SG7900 Datasheet
374Kb / 7P
   negative fixed voltage regulators
logo
List of Unclassifed Man...
COM140T ETC-COM140T Datasheet
52Kb / 4P
   (COTS) COMMERCIAL OFF-THE-SHELF POWER MOSFETS IN TO-257AA PACKAGE
OM7900IH ETC1-OM7900IH Datasheet
57Kb / 5P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE NEGATIVE REGULATORS
logo
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
logo
Motorola, Inc
MC79M00 MOTOROLA-MC79M00 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00_15 Datasheet
131Kb / 9P
   3-terminal Negative Fixed Voltage Regulators
logo
Seme LAB
IP1R17A SEME-LAB-IP1R17A Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com