Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG894DJ Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG894DJ
Description  Component Video Selector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG894DJ Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG894DJ Datasheet HTML 2Page - Vishay Siliconix DG894DJ Datasheet HTML 3Page - Vishay Siliconix DG894DJ Datasheet HTML 4Page - Vishay Siliconix DG894DJ Datasheet HTML 5Page - Vishay Siliconix DG894DJ Datasheet HTML 6Page - Vishay Siliconix DG894DJ Datasheet HTML 7Page - Vishay Siliconix DG894DJ Datasheet HTML 8Page - Vishay Siliconix DG894DJ Datasheet HTML 9Page - Vishay Siliconix DG894DJ Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DG894
Vishay Siliconix
Document Number: 70072
S-52433—Rev. D, 06-Sep-99
www.siliconix.com
S FaxBack 408-970-5600
5-9
SDA
SCL
STA
STO
SDA
SCL
Start Condition
Stop Condition
FIGURE 8. START and STOP Conditions
1
2
7
8
9
1
2
3-8
9
STA
Start Condition
STO
Stop
Condition
ACK
ACK
MSB
SDA
SCL
acknowledgement
signal from receiver
acknowledgement
signal from receiver
FIGURE 9. Data Transfer on the I2C Bus
clock line held low while interrupts are serviced
byte complete, interrupt within receiver
Timing Specifications of the I@C Bus
I@C bus load conditions for timing specifications are as follows:
4 k
W pull-up resistors to +5 V; 200 pF capacitor to
ground. All values are referred to VIH = 3 V, VIL = 1.5 V.
Parameter
Symbol
Min
Max
Unit
SCL Clock Frequency
fscl
100
kHz
Bus Free Before Start
tBUF
4.7
Start Condition Set-up Time
tSU;STA
4.7
Start Condition Hold Time
tHD;STA
4
SCL and SDA Low Period
tLOW
4.7
SCL and SDA High Period
tHIGH
4
ms
SCL and SDA Rise Time
tr
1.0
SCL and SDA Fall Time
tf
0.3
Data Set-Up Time (WRITE)
tSU;DAT
0.25
Data Hold Time (WRITE)
tHD;DAT
0*
*A transmitter must internally provide at lease a hold time to bridge the
undefined region (max 300 ns) of the falling edge of the SCL.
I@C Bus Protocol
The DG894 is a slave receiver type of I@C interface and has
four allocated addresses, two of which are user programmable
through the SEL pin. Additional addresses may be obtained by
a metal mask option for users requiring more than two DG894s
on the same I@C bus. Contact Vishay Siliconix marketing for
further information.
After the correct address has been sent, only one data byte is
needed to define the switch configuration. Subsequent data
put onto the bus will update the switches until a STOP
condition (or another START condition) signals that the device
is no longer being addressed. The switches will then remain in
their last configuration as long as power is maintained to the
chip.
Power on Reset
A power on reset function is provided on the DG894 to turn all
switches off following power up if the I@C mode is selected. In
the CMOS control mode, the switches are selected according
to the state of the control inputs.


Similar Part No. - DG894DJ

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DG8040C TOKO-DG8040C Datasheet
82Kb / 1P
   Low Profile (H 4.0mm Max).
logo
Dynex Semiconductor
DG808BC45 DYNEX-DG808BC45 Datasheet
216Kb / 12P
   Gate Turn-off Thyristor
DG808BC45 DYNEX-DG808BC45_15 Datasheet
298Kb / 12P
   Gate Turn-off Thyristor
logo
American Electronic Com...
DG81 AEC-DG81 Datasheet
275Kb / 3P
   Special option for motor loads
logo
Willow Technologies Ltd
DG81 WILLOW-DG81 Datasheet
275Kb / 3P
   sub miniature automotive power relay
More results

Similar Description - DG894DJ

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX25836 CONEXANT-CX25836 Datasheet
257Kb / 4P
   YPbPr component video input
logo
List of Unclassifed Man...
TDA9045 ETC-TDA9045 Datasheet
183Kb / 5P
   VIDEO PROCESSOR AND INPUT SELECTOR
logo
Maxim Integrated Produc...
MAX7449 MAXIM-MAX7449_V01 Datasheet
264Kb / 6P
   3-Channel Video Reconstruction Filter for RGB Component Video
19-2990; Rev 1; 4/06
MAX7449 MAXIM-MAX7449 Datasheet
184Kb / 6P
   3-Channel Video Reconstruction Filter for RGB Component Video
19-2990; Rev 0; 9/03
logo
Micrel Semiconductor
MIC1700 MICREL-MIC1700_11 Datasheet
138Kb / 10P
   HDTV/SDTV 6th Order Video Filter for Component Video plus Composite Video
logo
Toshiba Semiconductor
TC90106FG TOSHIBA-TC90106FG Datasheet
726Kb / 18P
   Multi System Video Decoder for Component input
logo
NXP Semiconductors
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
   Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
logo
Tripp Lite. All Rights ...
A008006 TRIPPLITE-A008006 Datasheet
474Kb / 2P
   Component Video Gold Cable (3xRCA M-M), 6-ft
logo
Texas Instruments
TVP5160 TI1-TVP5160_11 Datasheet
1Mb / 111P
[Old version datasheet]   NTSC/PAL/SECAM/Component 2x10-Bit Digital Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com