Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT52BC1661A Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT52BC1661A
Description  16-Mbit Flash 8-Mbit PSRAM Stack Memory
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52BC1661A Datasheet(HTML) 5 Page - ATMEL Corporation

  AT52BC1661A Datasheet HTML 1Page - ATMEL Corporation AT52BC1661A Datasheet HTML 2Page - ATMEL Corporation AT52BC1661A Datasheet HTML 3Page - ATMEL Corporation AT52BC1661A Datasheet HTML 4Page - ATMEL Corporation AT52BC1661A Datasheet HTML 5Page - ATMEL Corporation AT52BC1661A Datasheet HTML 6Page - ATMEL Corporation AT52BC1661A Datasheet HTML 7Page - ATMEL Corporation AT52BC1661A Datasheet HTML 8Page - ATMEL Corporation AT52BC1661A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
AT52BC1661A(T) [Preliminary]
3455A–STKD–11/04
16-Mbit Flash
Description
The 16-Mbit Flash is organized as 1,048,576 words of 16 bits each. The x16 data appears on
I/O0 - I/O15. The memory is divided into 39 sectors for erase operations. The device has CE
and OE control signals to avoid any bus contention. This device can be read or reprogrammed
using a single power supply, making it ideally suited for in-system programming.
The device powers on in the read mode. Command sequences are used to place the device in
other operation modes such as program and erase. The device has the capability to protect
the data in any sector (see “Sector Lockdown” section).
To increase the flexibility of the device, it contains an Erase Suspend and Program Suspend
feature. This feature will put the erase or program on hold for any amount of time and let the
user read data from or program data to any of the remaining sectors within the memory. The
end of a program or an erase cycle is detected by the READY/BUSY pin, Data Polling or by
the toggle bit.
The VPP pin provides data protection. When the VPP input is below 0.4V, the program and
erase functions are inhibited. When VPP is at 0.9V or above, normal program and erase opera-
tions can be performed.
A six-byte command (Enter Single Pulse Program Mode) sequence to remove the requirement
of entering the three-byte program sequence is offered to further improve programming time.
After entering the six-byte code, only single pulses on the write control lines are required for
writing into the device. This mode (Single Pulse Word Program) is exited by powering down
the device, or by pulsing the RESET pin low for a minimum of 500 ns and then bringing it back
to V
CC. Erase, Erase Suspend/Resume and Program Suspend/Resume commands will not
work while in this mode; if entered they will result in data being programmed into the device. It
is not recommended that the six-byte code reside in the software of the final product but only
exist in external programming code.
Device
Operation
READ: The Flash is accessed like an EPROM. When CE and OE are low and WE is high, the
data stored at the memory location determined by the address pins are asserted on the out-
puts. The outputs are put in the high impedance state whenever CE or OE is high. This dual-
line control gives designers flexibility in preventing bus contention.
COMMAND SEQUENCES: When the device is first powered on, it will be reset to the read or
standby mode, depending upon the state of the control line inputs. In order to perform other
device functions, a series of command sequences are entered into the device. The command
sequences are shown in the “Command Definition in Hex” table on page 13 (I/O8 - I/O15 are
don’t care inputs for the command codes). The command sequences are written by applying a
low pulse on the WE or CE input with CE or WE low (respectively) and OE high. The address
is latched on the falling edge of CE or WE, whichever occurs last. The data is latched by the
first rising edge of CE or WE. Standard microprocessor write timings are used. The address
locations used in the command sequences are not affected by entering the command
sequences.
RESET: A RESET input pin is provided to ease some system applications. When RESET is at
a logic high level, the device is in its standard operating mode. A low level on the RESET input
halts the present device operation and puts the outputs of the device in a high impedance
state. When a high level is reasserted on the RESET pin, the device returns to the read or
standby mode, depending upon the state of the control inputs.


Similar Part No. - AT52BC1661A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT52BC3221A ATMEL-AT52BC3221A Datasheet
511Kb / 35P
   32-Mbit Flash 8-Mbit PSRAM Stack Memory
AT52BC3221A-70CI ATMEL-AT52BC3221A-70CI Datasheet
511Kb / 35P
   32-Mbit Flash 8-Mbit PSRAM Stack Memory
AT52BC3221AT ATMEL-AT52BC3221AT Datasheet
511Kb / 35P
   32-Mbit Flash 8-Mbit PSRAM Stack Memory
AT52BC3221AT-70CI ATMEL-AT52BC3221AT-70CI Datasheet
511Kb / 35P
   32-Mbit Flash 8-Mbit PSRAM Stack Memory
AT52BC6402A ATMEL-AT52BC6402A Datasheet
335Kb / 38P
   64 MBIT FLASH 16 MBIT PSRAM
More results

Similar Description - AT52BC1661A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT52BC3221A ATMEL-AT52BC3221A Datasheet
511Kb / 35P
   32-Mbit Flash 8-Mbit PSRAM Stack Memory
AT52BC6402A ATMEL-AT52BC6402A Datasheet
335Kb / 38P
   64 MBIT FLASH 16 MBIT PSRAM
logo
Silicon Storage Technol...
SST34HF1641J SST-SST34HF1641J Datasheet
966Kb / 37P
   16 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
logo
Intel Corporation
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
   8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
   8 MBIT(1 MBIT x 8) FLASH MEMORY
logo
Intel Corporation
28F016XD INTEL-28F016XD Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
   16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com