Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

P0402FC Datasheet(PDF) 5 Page - Protek Devices

Part No. P0402FC
Description  FLIP CHIP ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PROTEC [Protek Devices]
Homepage  http://www.protekdevices.com
Logo 

P0402FC Datasheet(HTML) 5 Page - Protek Devices

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
www.protekdevices.com
05107.R9 4/05
P0402FC3.3C*
thru
P0402FC24C*
*U.S. Patent No. Des. “D456,367S”
PACKAGE OUTLINE & DIMENSIONS
COPYRIGHT © ProTek Devices 2005
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical
characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that
the final judgement concerning selection and specifications is the buyer’s and that in furnishing
engineering and technical assistance, ProTek assumes no responsibility with respect to the
selection or specifications of such products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance with EIA 481.
2.
8mm Plastic Tape: 7 Inch Reels - 5,000 pieces per reel. Ordering Suffix: -T75-1 (i.e., P0402FC05C-T75-1).
3.
8mm Paper Tape: 7 Inch Reels -10,000 pieces per reel. Ordering Suffix: -T710-2 (i.e., P0402FC05C-T710-2).
4. Suffix - LF = Lead-Free, i.e.,
P0402FC05C-LF-T75-1.
A
B
C
D
E
F
G
H
I
0.46 NOM
0.86 NOM
0.99 ± 0.0254
0.10 NOM
0.35 NOM
0.483 ± 0.0254
0.20 NOM
0.127 MAX
0.076 MIN
0.406 NOM
0.018 NOM
0.034 NOM
0.039 ± 0.001
0.004 NOM
0.014 NOM
0.019 ± 0.001
0.008 NOM
0.005 MAX
0.003 MIN
0.016 NOM
DIM
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES:
1. Controlling dimensions in inches.
2. Decimal tolerances for mounting pad and outline:
.xxx ± 0.05mm (± 0.002”).
3. Maximum chip size: 1.02 (0.040”) by 0.51(0.020”).
PACKAGE OUTLINE
0402
MOUNTING PAD
NOTE:
1.
Preferred: Using 0.1mm (0.004”) stencil.
A
B
C
D
E
F
G
H
I
0.23
0.48
0.69
0.46
0.99
0.20
0.20
0.66
0.13
0.009
0.019
0.027
0.018
0.039
0.008
0.008
0.026
0.005
DIM
MILLIMETERS
INCHES
PAD DIMENSIONS
NOTE:
1. Top view of tape. Metal contacts are face down in tape
package.
TAPE & REEL ORIENTATION
Single Die - 0402
Outline & Dimensions: Rev 3 - 11/02, 06001
D
H
E
F
I
TOP
END
B
C
SOLDER
BUMP
A
I
SOLDER PRINT
DIAMETER 0.010” -
0.012”
DIE


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn