Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN8353UB Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN8353UB
Description  High Efficiency Car Dashboard Dimmer IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8353UB Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN8353UB Datasheet HTML 1Page - Panasonic Semiconductor AN8353UB Datasheet HTML 2Page - Panasonic Semiconductor AN8353UB Datasheet HTML 3Page - Panasonic Semiconductor AN8353UB Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pin No.
Pin name
s Pin Descriptions
Description
1
Output pin
Outputs an intermittent source current at a duty proportional to an input voltage
2
GND
GND
3
Input pin
Applies a control voltage.
4
Noise eliminating capacity connection pin 1
Connect a capacitor to eliminator a noise.
7
Noise eliminating capacity connection pin 2
Connect a capacitor to eliminator a noise.
9
VCC
Supply Voltage
5
Square wave output pin
6
Triangular wave output pin
8
Standby pin
Output a triangular wave, which serves as a reference for the PWM signal,
to the Pin6 by connecting the resistor RT between the Pins5 and6, and
capacity CT between the Pin6 and GND.
Output a triangular wave, which serves as a reference for the PWM signal,
to this pin by connecting the resistor RT between the Pins6 and 5, and
capasity CT between the Pin6 and GND.
Forces to shut off an output current if a voltage higher than a threshold
voltage of 1.1V is applied to the Pin8.
VCC
PD
Topr
Tstg
Supply voltage
Power dissipation
Storage temperature
Operating ambient temperature
V
mW
˚C
˚C
Parameter
Symbol
Rating
Unit
s Absolute Maximum Ratings (Ta=25˚C)
22
550
–40 to +100
–50 to +150
Parameter
Symbol
Range
s Recommended Operating Range (Ta=25˚C)
Operating supply voltage range
VCC
8 to 18V
Parameter
Symbol
Condition
min
typ
max
s Electrical Characteristics (Ta=25˚C)
Supply current
ICC
11
mA
7.5
Eliminate CT and RT
Oscillation frequency
fosc
Hz
115
CT=0.027
µF
0% duty input voltage
VIN– 0
3
V
2.5
CT=0.027
µF
100% duty input voltage
VIN–100
V
CT=0.027
µF
Center duty (VCC=12V)
D12V
%
45
CT=0.027
µF
%
CT=0.027
µF
Center duty (VCC=8V)
DD8V
%
0
CT=0.027
µF
10
Center duty (VCC=18V)
DD18V
%
50
CT=0.027
µF
Output duty gain
DG
V
Output voltage at ON
VON
µA
0
CT=2100pF
Leakage current at OFF
IL
V
20
CT=2100pF
22
1.65
4
55
1.2
10.5
140
55
1
1
18
45
0.6
4
90
2
9.5
35
–1
–1
Over voltage detection voltage
VOV
CT=2100pF
V
1.1
CT=2100pF
Standby threshold voltage
VSTH
0
0.9
0.55
Unit


Similar Part No. - AN8353UB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN835 SILABS-AN835 Datasheet
964Kb / 4P
   COMBINING THREE VERY LOW SUPPLY CURRENT ANALOG ICS INTO A USB-POWERED THERMOSTAT
More results

Similar Description - AN8353UB

ManufacturerPart #DatasheetDescription
logo
Micronas
CDC3272G MICRONAS-CDC3272G Datasheet
285Kb / 2P
   ARM7-Based Car Dashboard Controller
logo
Siemens Semiconductor G...
SLB0586 SIEMENS-SLB0586 Datasheet
545Kb / 17P
   DIMMER IC
logo
Micronas
CDC3207G MICRONAS-CDC3207G Datasheet
286Kb / 2P
   CDC 3207G ARM7-Based Car Dashboard Controller
CDC3217G MICRONAS-CDC3217G Datasheet
286Kb / 2P
   CDC 3217G ARM7-Based Car Dashboard Controller
CDC3231G MICRONAS-CDC3231G Datasheet
285Kb / 2P
   CDC 3231G ARM7-Based Car Dashboard Controller
CDC3257G MICRONAS-CDC3257G Datasheet
286Kb / 2P
   CDC 3257G ARM7-Based Car Dashboard Controller
logo
List of Unclassifed Man...
HK612 ETC1-HK612 Datasheet
64Kb / 1P
   TOUCH DIMMER IC
logo
Siemens Semiconductor G...
SLB0587 SIEMENS-SLB0587 Datasheet
865Kb / 22P
   Dimmer IC for Halogen Lamps
logo
alpha microelectronics ...
A1780 ALPHA-MICRO-A1780 Datasheet
171Kb / 2P
   dimmer IC for halogen lamps
logo
Siemens Semiconductor G...
SLB587 SIEMENS-SLB587 Datasheet
391Kb / 22P
   DIMMER IC FOR HALOGEN LAMPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com