Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

L2SA1576AT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part No. L2SA1576AT1
Description  General Purpose Transistors PNP Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SA1576AT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  L2SA1576AT1 Datasheet HTML 1Page - Leshan Radio Company L2SA1576AT1 Datasheet HTML 2Page - Leshan Radio Company L2SA1576AT1 Datasheet HTML 3Page - Leshan Radio Company L2SA1576AT1 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L2SA1576A*T1–1/4
LESHAN RADIO COMPANY, LTD.
General Purpose Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
–50
V
Collector–Base Voltage
V CBO
–60
V
Emitter–Base Voltage
V EBO
–6.0
V
Collector Current — Continuous
I C
–150
mAdc
Collector power dissipation
P C
0.2
W
Junction temperature
T j
150
°C
Storage temperature
T stg
-55 ~+150
°C
DEVICE MARKING
L2SA1576AQT1 =FQ L2SA1576ART1 =FR L2SA1576AST1 =FS
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Collector–Emitter Breakdown Voltage
V (BR)CEO
– 50
V
(IC = –1 mA)
Emitter–Base Breakdown Voltage
V (BR)EBO
– 6
V
(IE = – 50
µA)
Collector–Base Breakdown Voltage
V (BR)CBO
– 60
V
(IC = – 50
µA)
Collector Cutoff Current
I CBO
– 0.1
µA
(VCB = – 60 V)
Emitter cutoff current
I EBO
– 0.1
µA
(VEB = – 6 V)
Collector-emitter saturation voltage
V CE(sat)
-0.5
V
(IC/IB = – 50 mA / – 5m A)
DC current transfer ratio
h FE
120
––
560
––
(V CE = – 6 V, I C= –1mA)
Transition frequency
f T
140
––
MHz
(V CE = – 12 V, I E= 2mA, f=30MHz )
Output capacitance
C ob
4.0
5.0
pF
(V CB = – 12 V, I E= 0A, f =1MHz )
h FE values are classified as follows:
QR
S
hFE
120~270
180~390
270~560
1
3
2
SC-70/SOT– 323
2
EMITTER
3
COLLECTOR
1
BASE
*
L2SA1576A*T1


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LBC856AWT1General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreLeshan Radio Company
2N4403General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreWeitron Technology
L8550LT1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
L9012LT1General Purpose Transistors PNP Silicon 1 2 Leshan Radio Company
ZTX214PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS 1 2 3 4 List of Unclassifed Manufacturers
L2SA1774T1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
L9015LT1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
LBC807-16LT1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
2N3702PNP/NPN SILICON GENERAL PURPOSE AF TRANSISTORS 1 2 3 4 Micro Electronics
2N3705PNP NPN SILICON GENERAL PURPOSE AF TRANSISTORS 1 2 3 4 Micro Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn