Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

L2SA1576AT1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part No. L2SA1576AT1
Description  General Purpose Transistors PNP Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo 

L2SA1576AT1 Datasheet(HTML) 2 Page - Leshan Radio Company

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
L2SA1576A*T1–2/4
LESHAN RADIO COMPANY, LTD.
L2SA1576A*T1
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
–1.6
T A = 100°C
25°C
– 40°C
–50
–20
–10
–50
–2
–1
–0.5
–0.2
–0.1
0
–0.4
–0.8
–1.2
–1.6
–2.0
T
A = 25°C
–10
–8
–6
–4
–2
0
Fig.1 Grounded emitter propagation characteristics
Fig.2 Grounded emitter output characteristics( )
Fig.3 Grounded emitter output characteristics( )
Fig.4 DC current gain vs. collector current ( )
Fig.5 DC current gain vs. collector current ( )
Fig.6 Collector-emitter saturation voltage vs.
collector current ( )
V
CE= –10 V
V
BE , BASE TO EMITTER VOLTAGE(V)
V
CE , COLLECTOR TO EMITTER VOLTAGE (V)
–35.0
–31.5
–28.0
–24.5
–21.0
–17.5
–14.0
–10.5
–7.0
–3.5
µA
I B =0
0
–1–2
–3
–4–5
T
A = 25°C
–100
–80
–60
–40
–20
0
V
CE , COLLECTOR TO EMITTER VOLTAGE (V)
–250
–200
–150
500
450
400
350
300
–100
–50
µA
I B =0
T A = 25°C
500
200
100
50
V
CE= –5 V
–3V
–1V
I
C, COLLECTOR CURRENT (mA)
–0.2
–0.5
–1
–2
–5
–10
–20
–50
–100
T A = 100°C
500
200
100
50
V
CE= – 6V
I
C, COLLECTOR CURRENT (mA)
–0.2
–0.5
–1
–2
–5
–10
–20
–50
–100
25°C
–40°C
–1
–0.5
–0.2
–0.1
–0.05
I
C, COLLECTOR CURRENT (mA)
–0.2
–0.5
–1
–2
–5
–10
–20
–50
–100
T A = 25°C
I C /I B = 50
20
10


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LBC856AWT1General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreLeshan Radio Company
2N4403General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreWeitron Technology
L8550LT1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
L9012LT1General Purpose Transistors PNP Silicon 1 2 Leshan Radio Company
ZTX214PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS 1 2 3 4 List of Unclassifed Manufacturers
L2SA1774T1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
L9015LT1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
LBC807-16LT1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
2N3702PNP/NPN SILICON GENERAL PURPOSE AF TRANSISTORS 1 2 3 4 Micro Electronics
2N3705PNP NPN SILICON GENERAL PURPOSE AF TRANSISTORS 1 2 3 4 Micro Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn