Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC858CLT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBC858CLT1
Description  General Purpose Transistors PNP Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC858CLT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  LBC858CLT1 Datasheet HTML 1Page - Leshan Radio Company LBC858CLT1 Datasheet HTML 2Page - Leshan Radio Company LBC858CLT1 Datasheet HTML 3Page - Leshan Radio Company LBC858CLT1 Datasheet HTML 4Page - Leshan Radio Company LBC858CLT1 Datasheet HTML 5Page - Leshan Radio Company LBC858CLT1 Datasheet HTML 6Page - Leshan Radio Company LBC858CLT1 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
LBC856ALT1S-1/7
General Purpose Transistors
1
3
2
SOT–23
2
EMITTER
3
COLLECT OR
1
BASE
3
xx
MARKING DIAGRAM
xx= Device Marking
(See Table Below)
LBC856ALT1
Series
PNP Silicon
Moisture Sensitivity Level: 1
ESD Rating – Human Body Model: >4000 V
ESD Rating – Machine Model: >400 V
Pb-Free Packages are Available
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
LBC856
LBC857
LBC858, LBC859
VCEO
–65
–45
–30
V
Collector-Base Voltage
LBC856
LBC857
LBC858, LBC859
VCBO
–80
–50
–30
V
Emitter–Base Voltage
VEBO
–5.0
V
Collector Current – Continuous
IC
–100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board,
(Note 1.) TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance,
Junction to Ambient
RqJA
556
°C/W
Total Device Dissipation Alumina
Substrate, (Note 2.) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance,
Junction to Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ,Tstg
–55 to
+150
°C
1. FR–5 = 1.0 x 0.75 x 0.062 in
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.


Similar Part No. - LBC858CLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC858CLT1G LRC-LBC858CLT1G Datasheet
146Kb / 7P
   General Purpose Transistors PNP Silicon
logo
Shanghai Leiditech Elec...
LBC858CLT1G LEIDITECH-LBC858CLT1G Datasheet
666Kb / 7P
   General Purpose Transistors PNP Silicon
logo
Leshan Radio Company
LBC858CLT1G LRC-LBC858CLT1G_15 Datasheet
164Kb / 7P
   General Purpose Transistors
More results

Similar Description - LBC858CLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com