Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC857CLT1 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LBC857CLT1
Description  General Purpose Transistors PNP Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC857CLT1 Datasheet(HTML) 5 Page - Leshan Radio Company

  LBC857CLT1 Datasheet HTML 1Page - Leshan Radio Company LBC857CLT1 Datasheet HTML 2Page - Leshan Radio Company LBC857CLT1 Datasheet HTML 3Page - Leshan Radio Company LBC857CLT1 Datasheet HTML 4Page - Leshan Radio Company LBC857CLT1 Datasheet HTML 5Page - Leshan Radio Company LBC857CLT1 Datasheet HTML 6Page - Leshan Radio Company LBC857CLT1 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
LBC856
I
C , COLLECTOR CURRENT (mA)
Figure 7. DC Current Gain
I
C , COLLECTOR CURRENT (mA)
Figure 8. “On” Voltage
I
B , BASE CURRENT (mA)
Figure 9. Collector Saturation Region
I
C , COLLECTOR CURRENT (mA)
Figure 10. Base–Emitter Temperature Coefficient
V
BE(sat) @ I C/I B= 10
V
BE @VCE= –5.0 V
T
J= 25°C
V
CE = –5.0V
T
A = 25°C
V
CE(sat) @ I C /I B= 10
I
C =
–10 mA
–100mA
–20mA
–200mA
T
J= 25°C
θ
VB for V BE
–55°C to 125°C
–1.0
–1.4
–1.8
–2.2
–2.6
–3.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
2.0
1.0
0.5
0.2
–2.0
–1.6
–1.2
–0.8
–0.4
0
–0.1–0.2
–1.0–2.0 –5.0–10–20 –50–100–200
–0.2
–0.5 –1.0 –2.0
–5.0 –10 –20
–50 –100 –200
–0.2
–0.5 –1.0 –2.0
–5.0
–10 –20
–50 –100 –200
–0.02
–0.05 –0.1 –0.2
–0.5
–1.0 –2.0
–5.0
–10 –20
–50mA
V
R , REVERSE VOLTAGE (VOLTS)
Figure 11. Capacitance
I
C , COLLECTOR CURRENT (mA)
Figure 12. Current–Gain – Bandwidth Product
C
ob
C
ib
T
J= 25°C
V
CE= –5.0 V
–0.1–0.2 –0.5
–1.0 –2.0
–5.0 –10 –20
–50 –100
–1.0
–10
–100
40
20
10
8.0
6.0
4.0
2.0
500
200
100
50
20
LBC856ALT1 Series
LBC856ALT1S-5/7


Similar Part No. - LBC857CLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC857CLT1G LRC-LBC857CLT1G Datasheet
146Kb / 7P
   General Purpose Transistors PNP Silicon
logo
Shanghai Leiditech Elec...
LBC857CLT1G LEIDITECH-LBC857CLT1G Datasheet
666Kb / 7P
   General Purpose Transistors PNP Silicon
logo
Leshan Radio Company
LBC857CLT1G LRC-LBC857CLT1G_15 Datasheet
166Kb / 6P
   General Purpose Transistors
More results

Similar Description - LBC857CLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com