Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC847BDW1T1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LBC847BDW1T1
Description  Dual General Purpose Transistors NPN Duals
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC847BDW1T1 Datasheet(HTML) 2 Page - Leshan Radio Company

  LBC847BDW1T1 Datasheet HTML 1Page - Leshan Radio Company LBC847BDW1T1 Datasheet HTML 2Page - Leshan Radio Company LBC847BDW1T1 Datasheet HTML 3Page - Leshan Radio Company LBC847BDW1T1 Datasheet HTML 4Page - Leshan Radio Company LBC847BDW1T1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
LBC846b–2/5
LBC846BDW1T1, LBC847BDW1T1, LBC847CDW1T1, LBC848BDW1T1, LBC848CDW1T1
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
V (BR)CEO
V
(I C = 10 mA)
LBC846 Series
65
LBC847 Series
45
LBC848 Series
30
Collector–Emitter Breakdown Voltage
V (BR)CES
V
(I C = 10
µA, V
EB = 0)
LBC846 Series
80
LBC847 Series
50
LBC848 Series
30
Collector–Base Breakdown Voltage
V (BR)CBO
V
(I C = 10
µA)
LBC846 Series
80
LBC847 Series
50
LBC848 Series
30
Emitter–Base Breakdown Voltage
V (BR)EBO
V
(I E = 1.0
µA)
LBC846 Series
6.0
LBC847 Series
6.0
LBC848 Series
5.0
Collector Cutoff Current
(V CB = 30 V)
I CBO
——
15
nA
(V CB = 30 V, T A = 150°C)
5.0
µA
ON CHARACTERISTICS
DC Current Gain
h
FE
(I
C = 10 µA, V CE = 5.0 V)
LBC846B, LBC847B, LBC848B
150
LBC847C, LBC848C
270
(I
C = 2.0 mA, V CE = 5.0 V)
LBC846B, LBC847B, LBC848B
200
290
450
LBC847C, LBC848C
420
520
800
Collector–Emitter Saturation Voltage (I
C = 10 mA, I B = 0.5 mA)
V
CE(sat)
0.25
V
Collector–Emitter Saturation Voltage
( I
C = 100 mA, I B = 5.0 mA)
0.6
Base–Emitter Saturation Voltage (I
C = 10 mA, I B = 0.5 mA)
V
BE(sat)
0.7
V
Base–Emitter Saturation Voltage
(I
C = 100 mA, I B = 5.0 mA)
0.9
Base–Emitter Voltage (I
C = 2.0 mA, V CE = 5.0 V)
V
BE(on)
580
660
700
mV
Base–Emitter Voltage
(I
C = 10 mA, V CE = 5.0 V)
770
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
100
MHz
(I C = 10 mA, V CE = 5.0 Vdc, f = 100 MHz)
Output Capacitance (V CB = 10 V, f = 1.0 MHz)
C obo
4.5
pF
Noise Figure (I C = 0.2 mA,
NF
dB
V CE = 5.0 V dc, R S = 2.0 k
Ω, LBC846B, LBC847B, LBC848B
10
f = 1.0 kHz, BW = 200 Hz)
LBC847C, LBC848C
4.0


Similar Part No. - LBC847BDW1T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC847BDW1T1G LRC-LBC847BDW1T1G Datasheet
202Kb / 6P
   Dual General Purpose Transistors
LBC847BDW1T1G LRC-LBC847BDW1T1G_15 Datasheet
236Kb / 6P
   Dual General Purpose Transistors
More results

Similar Description - LBC847BDW1T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC817-16DMT1G LRC-LBC817-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors NPN Duals
BC646BDW1T1 LRC-BC646BDW1T1 Datasheet
155Kb / 5P
   Dual General Purpose Transistors(NPN Duals)
logo
ON Semiconductor
BC846BPDW1T1 ONSEMI-BC846BPDW1T1 Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
logo
Leshan Radio Company
LBC817-16DPMT1G LRC-LBC817-16DPMT1G Datasheet
502Kb / 5P
   Dual General Purpose Transistors NPN/PNP Duals
LBC846BPDW1T1G LRC-LBC846BPDW1T1G_11 Datasheet
169Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC846BPDW1T1 LRC-LBC846BPDW1T1 Datasheet
253Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC807-16DMT1G LRC-LBC807-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors PNP Duals
BC856BDW1T1 LRC-BC856BDW1T1 Datasheet
164Kb / 5P
   Dual General Purpose Transistors(PNP Duals)
logo
Weitron Technology
BC846BDW WEITRON-BC846BDW Datasheet
201Kb / 6P
   General Purpose Transistor NPN Duals
logo
Cystech Electonics Corp...
HBN3904S6R CYSTEKEC-HBN3904S6R_17 Datasheet
327Kb / 7P
   Dual General Purpose NPN Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com