Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC807-16LT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBC807-16LT1
Description  General Purpose Transistors PNP Silicon
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC807-16LT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  LBC807-16LT1 Datasheet HTML 1Page - Leshan Radio Company LBC807-16LT1 Datasheet HTML 2Page - Leshan Radio Company LBC807-16LT1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
LBC807_S-1/3
1
3
2
General Purpose Transistors
LBC807-16LT1
LBC807-25LT1
LBC807-40LT1
SOT–23
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
PNP Silicon
FEATURE
Collector current capability IC = -500 mA.
Collector-emitter voltage VCEO(max) = -45 V.
General purpose switching and amplification.
NPN complement: LBC817 Series.
Pb-Free Package is available.
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
LBC807-16LT1
5A
3000/Tape&Reel
LBC807-16LT1G
5A
(Pb-Free)
3000/Tape&Reel
LBC807-25LT1
5B
3000/Tape&Reel
LBC807-25LT1G
5B
(Pb-Free)
3000/Tape&Reel
LBC807-40LT1
5C
3000/Tape&Reel
LBC807-40LT1G
5C
(Pb-Free)
3000/Tape&Reel
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
–45
V
Collector–Base Voltage
V CBO
–50
V
Emitter–Base Voltage
V EBO
–5.0
V
Collector Current — Continuous
I C
–500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
PD
TA = 25°C
225
mW
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
556
°C/W
Total Device Dissipation
PD
Alumina Substrate, (2) TA = 25°C
300
mW
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
417
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
2
EMITTER
3
COLLECTOR
1
BASE


Similar Part No. - LBC807-16LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC807-16LT1G LRC-LBC807-16LT1G Datasheet
190Kb / 10P
   General Purpose Transistors PNP Silicon
logo
Shanghai Leiditech Elec...
LBC807-16LT1G LEIDITECH-LBC807-16LT1G Datasheet
1Mb / 10P
   General Purpose Transistors PNP Silicon
logo
Leshan Radio Company
LBC807-16LT1G LRC-LBC807-16LT1G_11 Datasheet
190Kb / 10P
   General Purpose Transistors PNP Silicon
LBC807-16LT1G LRC-LBC807-16LT1G_15 Datasheet
263Kb / 10P
   General Purpose Transistors
More results

Similar Description - LBC807-16LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com