Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LBC807-16LT1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part No. LBC807-16LT1
Description  General Purpose Transistors PNP Silicon
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC807-16LT1 Datasheet(HTML) 2 Page - Leshan Radio Company

  LBC807-16LT1 Datasheet HTML 1Page - Leshan Radio Company LBC807-16LT1 Datasheet HTML 2Page - Leshan Radio Company LBC807-16LT1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
LBC807_S-2/3
LBC807 Series
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = –10 mA)
V(BR)CEO
–45
V
Collector–Emitter Breakdown Voltage
(VEB = 0, IC = –10
µA)
V(BR)CES
–50
V
Emitter–Base Breakdown Voltage
(IE = –1.0
µA)
V(BR)EBO
–5.0
V
Collector Cutoff Current
I CBO
(V CB = –20 V)
–100
nA
(V CB = –20 V, TJ = 150°C)
–5.0
µA
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
h FE
(IC= –100 mA, VCE = –1.0 V)
LBC807–16
100
250
LBC807–25
160
400
LBC807–40
250
600
(IC = –500 mA, VCE = –1.0 V)
40
Collector–Emitter Saturation Voltage
V CE(sat)
–0.7
V
(IC = –500 mA, IB = –50 mA)
Base–Emitter On Voltage
V BE(on)
–1.2
V
(IC = –500 mA, IB= –1.0 V)
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
100
MHz
(IC = –10 mA, VCE = –5.0 Vdc, f = 100 MHz)
Output Capacitance
C obo
—10
pF
(VCB = –10 V, f = 1.0 MHz)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N4403General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreWeitron Technology
L8550LT1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
L9012LT1General Purpose Transistors PNP Silicon 1 2 Leshan Radio Company
ZTX214PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS 1 2 3 4 List of Unclassifed Manufacturers
L2SA1576AT1General Purpose Transistors PNP Silicon 1 2 3 4 Leshan Radio Company
L2SA1774T1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
L9015LT1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
2N3702PNP/NPN SILICON GENERAL PURPOSE AF TRANSISTORS 1 2 3 4 Micro Electronics
2N3705PNP NPN SILICON GENERAL PURPOSE AF TRANSISTORS 1 2 3 4 Micro Electronics
BC856SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS 1 2 3 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn