Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S15VB40 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # S15VB40
Description  High Current Glass Passivated Single-Phase Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

S15VB40 Datasheet(HTML) 2 Page - Leshan Radio Company

  S15VB40 Datasheet HTML 1Page - Leshan Radio Company S15VB40 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
S15VB10 Thru S15VB100
Fig.1 Derating Curve
Fig.2 Typical Reverse Characteristics
Case Temperature Tc (℃)
Percent of Rated Peak Reverse Voltage %
Fig.3 Forward Voltage
Fig.4 Peak Surge Forward Capability
Forward Voltage VF (V)
Number of Cycles (cycles)


Similar Part No. - S15VB40

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S15VB40 SHINDENGEN-S15VB40 Datasheet
158Kb / 1P
   SEMICONDUCTOR
logo
Leshan Radio Company
S15VB40 LRC-S15VB40 Datasheet
201Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
S15VB40W LRC-S15VB40W Datasheet
198Kb / 4P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier Reverse Voltage 100 to 1000V Forward Current 15.0 A
More results

Similar Description - S15VB40

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
S25VB10 LRC-S25VB10 Datasheet
80Kb / 1P
   High Current Glass Passivated Single-Phase Bridge Rectifier
D5SB10 LRC-D5SB10 Datasheet
247Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
MP3510M LRC-MP3510M Datasheet
206Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Zibo Seno Electronic En...
GBPC5000 ZSELEC-GBPC5000 Datasheet
90Kb / 2P
   50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC5000 ZSELEC-KBPC5000 Datasheet
389Kb / 2P
   50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
GBPC4000 ZSELEC-GBPC4000 Datasheet
90Kb / 2P
   40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBPC50S WTE-GBPC50S Datasheet
73Kb / 4P
   50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Leshan Radio Company
GBU20B LRC-GBU20B Datasheet
236Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D4KB10 LRC-D4KB10 Datasheet
210Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D10SB10 LRC-D10SB10_12 Datasheet
243Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com