Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN80LXXRMS Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. AN80LXXRMS
Description  Low-drop type positive output voltage regulator IC
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN80LXXRMS Datasheet(HTML) 3 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Voltage Regulators
AN80LXXRMS Series
3
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage *
1
VCC
14.6
V
Supply current
ICC
300
mA
Power dissipation *
3
PD
78
mW
Operating ambient temperature *
2
Topr
−30 to +85
°C
Storage temperature *
2
Tstg
−55 to +150
°C
Note) *1 : There may be a case of the device destruction when the output (VOUT) and the grounding (GND), or the output (VOUT) and
input (VIN) are short-circuited.
*2 : All items are at Ta = 25°C, except for the parameter of operating ambient temperature and storage temperature.
*3 : Topr = Power dissipation for IC alone without heat sink at + 85°C.
Pin No.
Description
1
Input voltage pin
2
Output voltage pin
3
N.C. pin
4
Grounding pin
5
Control pin
("High"
→ operation "Low" → stop)
Common to the AN80LXXRMS Series
s Pin Descriptions


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn