Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN80LXXRMS Datasheet(PDF) 26 Page - Panasonic Semiconductor

Part # AN80LXXRMS
Description  Low-drop type positive output voltage regulator IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN80LXXRMS Datasheet(HTML) 26 Page - Panasonic Semiconductor

Back Button AN80LXXRMS Datasheet HTML 18Page - Panasonic Semiconductor AN80LXXRMS Datasheet HTML 19Page - Panasonic Semiconductor AN80LXXRMS Datasheet HTML 20Page - Panasonic Semiconductor AN80LXXRMS Datasheet HTML 21Page - Panasonic Semiconductor AN80LXXRMS Datasheet HTML 22Page - Panasonic Semiconductor AN80LXXRMS Datasheet HTML 23Page - Panasonic Semiconductor AN80LXXRMS Datasheet HTML 24Page - Panasonic Semiconductor AN80LXXRMS Datasheet HTML 25Page - Panasonic Semiconductor AN80LXXRMS Datasheet HTML 26Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
AN80LXXRMS Series
Voltage Regulators
26
Temperature T
a (°C)
Input voltage : 9.0 V
3.135
3.185
3.235
3.285
3.335
3.385
3.435
−40 −30 −20 −10 0 102030405060708090
I
OUT = 0 mA
I
OUT = 50 mA
I
OUT = 150 mA
Temperature T
a (°C)
Input voltage : 4.3 V
3.135
3.185
3.235
3.285
3.335
3.385
3.435
−40 −30 −20 −10 0 102030405060708090
I
OUT = 0 mA
I
OUT = 50 mA
I
OUT = 150 mA
Temperature T
a (°C)
Input voltage : 3.0 V
1.9
1.95
2
2.05
2.1
−40 −30 −20 −10 0 102030405060708090
I
OUT = 0 mA
I
OUT = 50 mA
I
OUT = 150 mA
Temperature T
a (°C)
Input voltage : 9.0 V
1.9
1.95
2
2.05
2.1
−40 −30 −20 −10 0 102030405060708090
I
OUT = 0 mA
I
OUT = 50 mA
I
OUT = 150 mA
s Technical Information (continued)
• Output voltage - temperature characteristics examples (continued)
<AN80L20RMS>
<AN80L33RMS>
s Application Circuit Example (Common to AN80LXXRMS Series)
5
12
N.C.
In
10
µF
Out
10
µF
3
Output off when Low
Output on when High


Similar Part No. - AN80LXXRMS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN80L18RMS PANASONIC-AN80L18RMS Datasheet
321Kb / 27P
   Positive output, low dropout voltage regulator (150 mA type)
AN80L19RMS PANASONIC-AN80L19RMS Datasheet
321Kb / 27P
   Positive output, low dropout voltage regulator (150 mA type)
AN80L20RMS PANASONIC-AN80L20RMS Datasheet
321Kb / 27P
   Positive output, low dropout voltage regulator (150 mA type)
AN80L20RMSTX PANASONIC-AN80L20RMSTX Datasheet
321Kb / 27P
   Positive output, low dropout voltage regulator (150 mA type)
AN80L21RMS PANASONIC-AN80L21RMS Datasheet
321Kb / 27P
   Positive output, low dropout voltage regulator (150 mA type)
More results

Similar Description - AN80LXXRMS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1118 UTC-LR1118_14 Datasheet
257Kb / 8P
   LOW DROP POSITIVE VOLTAGE REGULATOR
logo
AUK corp
S78DL05L AUK-S78DL05L Datasheet
223Kb / 3P
   Low Drop output Voltage Regulator
S5225M AUK-S5225M Datasheet
427Kb / 7P
   Low Drop Output Voltage Regulator
S52XXM AUK-S52XXM Datasheet
365Kb / 6P
   Low Drop Output Voltage Regulator
S78DL05F AUK-S78DL05F_06 Datasheet
219Kb / 3P
   Low Drop output Voltage Regulator
S78DL05L AUK-S78DL05L_07 Datasheet
159Kb / 4P
   Low Drop output Voltage Regulator
S78DL33L AUK-S78DL33L_07 Datasheet
155Kb / 4P
   Low Drop output Voltage Regulator
logo
KODENSHI_AUK CORP.
S78DL33 KODENSHI-S78DL33 Datasheet
99Kb / 4P
   Low Drop output Voltage Regulator
S78DL05 KODENSHI-S78DL05 Datasheet
99Kb / 4P
   Low Drop output Voltage Regulator
logo
AUK corp
S78DL33F AUK-S78DL33F_07 Datasheet
153Kb / 4P
   Low Drop output Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com