Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62525FP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. M62525FP
Description  HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V, 2.5V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M62525FP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M62525FP
(
/4)
000530
MITSUBISHI<Standard LinearICs>
HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL( 3.3V, 2.5V)
FIXED OUTPUT VOLTAGE REGULATOR WITH RESET
PRELIMINARY
3
RESET
5V
0V
tpd
VIN
5V
0V
Vs
∆Vs
VOUT1
1CH
ON/OFF
H
L
3.3V
0V
VOUT2
2.5V
0V
H
L
2CH
ON/OFF
TIMING CHART


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn