Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR1084T-2.85 Datasheet(PDF) 10 Page - Leshan Radio Company

Part # LR1084T-2.85
Description  Low Dropout Voltage: 1.3V Typically at 5A, Current Limiting and Thermal Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1084T-2.85 Datasheet(HTML) 10 Page - Leshan Radio Company

Back Button LR1084T-2.85 Datasheet HTML 4Page - Leshan Radio Company LR1084T-2.85 Datasheet HTML 5Page - Leshan Radio Company LR1084T-2.85 Datasheet HTML 6Page - Leshan Radio Company LR1084T-2.85 Datasheet HTML 7Page - Leshan Radio Company LR1084T-2.85 Datasheet HTML 8Page - Leshan Radio Company LR1084T-2.85 Datasheet HTML 9Page - Leshan Radio Company LR1084T-2.85 Datasheet HTML 10Page - Leshan Radio Company LR1084T-2.85 Datasheet HTML 11Page - Leshan Radio Company LR1084T-2.85 Datasheet HTML 12Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Mechanical Dimensions
TO-263
TO-263-3L
Unit: mm
LESHAN RADIO COMPANY, LTD.
LR1084-10/12


Similar Part No. - LR1084T-2.85

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1084 LRC-LR1084 Datasheet
282Kb / 11P
   Current Limiting and Thermal Protection Battery Chargers
LR1084 LRC-LR1084_12 Datasheet
282Kb / 11P
   Current Limiting and Thermal Protection Battery Chargers
LR1084 LRC-LR1084_15 Datasheet
282Kb / 11P
   Low Dropout Voltage: 1.3V Typically at 5A
More results

Similar Description - LR1084T-2.85

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1084 LRC-LR1084_15 Datasheet
282Kb / 11P
   Low Dropout Voltage: 1.3V Typically at 5A
logo
Sangdest Microelectroni...
SLR1117 SMC-SLR1117 Datasheet
375Kb / 13P
   Current Limiting and Thermal Protection
SLR1085 SMC-SLR1085 Datasheet
252Kb / 10P
   Current Limiting and Thermal Protection
SLR1117A SMC-SLR1117A Datasheet
350Kb / 12P
   Current Limiting and Thermal Protection
logo
IK Semicon Co., Ltd
IL1117C-XX IKSEMICON-IL1117C-XX Datasheet
535Kb / 10P
   Current Limiting and Thermal Protection
logo
Leshan Radio Company
LR1084 LRC-LR1084_12 Datasheet
282Kb / 11P
   Current Limiting and Thermal Protection Battery Chargers
logo
Shenzhen Huazhimei Semi...
AMS1117B HMSEMI-AMS1117B Datasheet
947Kb / 9P
   series of low dropout three-terminal regulators with a dropout of 1.3V at 1A load current
logo
Texas Instruments
LM1117IMP-ADJ TI-LM1117IMP-ADJ Datasheet
2Mb / 32P
[Old version datasheet]   Space Saving SOT-223 and WSON Packages, Current Limiting and Thermal Protection
logo
Fairchild Semiconductor
KA378R12C FAIRCHILD-KA378R12C_05 Datasheet
57Kb / 8P
   Low Dropout Voltage Regulator Overcurrent Protection, Thermal Shutdown
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com