Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRB501V-40T1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LRB501V-40T1
Description  Surface Mount Schotty Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LRB501V-40T1 Datasheet(HTML) 3 Page - Leshan Radio Company

  LRB501V-40T1 Datasheet HTML 1Page - Leshan Radio Company LRB501V-40T1 Datasheet HTML 2Page - Leshan Radio Company LRB501V-40T1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
K
A
D
1
2
B
C
E
0.63
0.02''
0.83
0.033''
1.60
0.063"
2.85
0.112''
mm
inches
H
J
SOD-323
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS
MIN
MAX
MIN
MAX
1.60
1.80
0.063
0.071
1.15
1.35
0.045
0.053
0.80
1.00
0.031
0.039
0.25
0.40
0.010
0.016
0.15 REF
0.006 REF
0.00
0.10
0.000
0.004
0.089
0.177
0.0035
0.0070
2.30
2.70
0.091
0.106
MILLIMETERS
DIM
A
B
C
D
E
H
J
K
INCHES
PIN: 1. CATHODE
2. ANODE
LRB501V-40T1
LESHAN RADIO COMPANY, LTD.
LRB501V-40T1-3/3


Similar Part No. - LRB501V-40T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LRB501V-40T1G LRC-LRB501V-40T1G Datasheet
65Kb / 3P
   Surface Mount Schottky Diode Low current rectification
LRB501V-40T1G LRC-LRB501V-40T1G_11 Datasheet
65Kb / 3P
   Surface Mount Schottky Diode Low current rectification
LRB501V-40T1G LRC-LRB501V-40T1G_15 Datasheet
102Kb / 3P
   Surface Mount Schottky Diode
More results

Similar Description - LRB501V-40T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LRB500V-40T1 LRC-LRB500V-40T1 Datasheet
54Kb / 3P
   Surface Mount Schotty Diode
logo
First Silicon Co., Ltd
FDR501U FS-FDR501U Datasheet
172Kb / 3P
   Surface Mount Schotty Diode
logo
Nihon Inter Electronics...
FSH10A04 NIEC-FSH10A04 Datasheet
57Kb / 6P
   Schotty Barrier Diode
logo
Daya Electric Group Co....
SS12 DAYA-SS12 Datasheet
166Kb / 2P
   1.0 AMP. Surface Mount Schotty Barrier Rectifiers
logo
SHIKUES Electronics
LL103A SKTECHNOLGY-LL103A Datasheet
819Kb / 4P
   Small Signal Schotty Diodes
logo
Rectron Semiconductor
BAS21 RECTRON-BAS21 Datasheet
18Kb / 1P
   SURFACE MOUNT DIODE
logo
Shenzhen Luguang Electr...
DBL0.3J LUGUANG-DBL0.3J Datasheet
1Mb / 2P
   Surface Mount Diode
logo
Rectron Semiconductor
BAS20 RECTRON-BAS20 Datasheet
17Kb / 1P
   SURFACE MOUNT DIODE
logo
Semikron International
RGL34A SEMIKRON-RGL34A_07 Datasheet
113Kb / 2P
   Surface mount diode
S5A SEMIKRON-S5A_07 Datasheet
117Kb / 2P
   Surface mount diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com