Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBAS16WT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBAS16WT1
Description  Silicon Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAS16WT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  LBAS16WT1 Datasheet HTML 1Page - Leshan Radio Company LBAS16WT1 Datasheet HTML 2Page - Leshan Radio Company LBAS16WT1 Datasheet HTML 3Page - Leshan Radio Company LBAS16WT1 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
LBAS16WT1–1/4
Silicon Switching Diode
Symbol
Max
Unit
Continuous Reverse Voltage
VR
75
V
Recurrent Peak Forward Current
IR
200
mA
Peak Forward Surge Current
Pulse Width = 10
µs
IFM(surge)
500
mA
Total Power Dissipation, One Diode Loaded
TA = 25°C
Derate above 25
°C
Mounted on a Ceramic Substrate
(10 x 8 x 0.6 mm)
PD
200
1.6
mW
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
One Diode Loaded
Mounted on a Ceramic Substrate
(10 x 8 x 0.6 mm)
RθJA
0.625
°C/mW
DEVICE MARKING
LBAS16WT1 = A6
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Forward Voltage
(IF = 1.0 mA)
(IF = 10 mA)
(IF = 50 mA)
(IF = 150 mA)
VF
715
866
1000
1250
mV
Reverse Current
(VR = 75 V)
(VR = 75 V, TJ = 150°C)
(VR = 25 V, TJ = 150°C)
IR
1.0
50
30
µA
Capacitance
(VR = 0, f = 1.0 MHz)
CD
2.0
pF
Reverse Recovery Time
(IF = IR = 10 mA, RL = 50 Ω) (Figure 1)
trr
6.0
ns
Stored Charge
(IF = 10 mA to VR = 6.0 V, RL = 500 Ω) (Figure 2)
QS
45
PC
Forward Recovery Voltage
(IF = 10 mA, tr = 20 ns) (Figure 3)
VFR
1.75
V
3
CATHODE
1
ANODE
1
3
2
SC-70/SOT-323
LBAS16WT1
Rating
MAXIMUM RATINGS (TA = 25
o
C)


Similar Part No. - LBAS16WT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAS16WT1G LRC-LBAS16WT1G_15 Datasheet
129Kb / 4P
   Silicon Switching Diode
More results

Similar Description - LBAS16WT1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAW101 INFINEON-BAW101 Datasheet
429Kb / 3P
   Silicon Switching Diode
Sep-24-2003
BAS21 INFINEON-BAS21 Datasheet
453Kb / 5P
   Silicon Switching Diode
Jan-30-2003
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1 Datasheet
123Kb / 8P
   Silicon Switching Diode
March, 2000 ??Rev. 0
logo
Central Semiconductor C...
1N4454 CENTRAL-1N4454 Datasheet
67Kb / 1P
   Silicon switching diode
logo
M/A-COM Technology Solu...
1N914 MA-COM-1N914 Datasheet
534Kb / 3P
   Silicon Switching Diode
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1_04 Datasheet
63Kb / 6P
   Silicon Switching Diode
May, 2004 ??Rev. 2
logo
Guangdong Kexin Industr...
1SS222 KEXIN-1SS222 Datasheet
36Kb / 1P
   SILICON SWITCHING DIODE
logo
ON Semiconductor
BAS16TT1G ONSEMI-BAS16TT1G Datasheet
128Kb / 5P
   Silicon Switching Diode
October, 2010 -- Rev. 3
logo
Infineon Technologies A...
BAS21 INFINEON-BAS21_07 Datasheet
119Kb / 9P
   Silicon Switching Diode
2007-04-19
BAW56 INFINEON-BAW56_07 Datasheet
153Kb / 12P
   Silicon Switching Diode
2007-09-19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com