Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9014TLT11 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L9014TLT11
Description  General Purpose Transistors NPN Silicon
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L9014TLT11 Datasheet(HTML) 1 Page - Leshan Radio Company

  L9014TLT11 Datasheet HTML 1Page - Leshan Radio Company L9014TLT11 Datasheet HTML 2Page - Leshan Radio Company L9014TLT11 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
L9014*LT1-1/3
MAXIMUM RATINGS
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
45
V
Collector-Base Voltage
VCBO
50
V
Emitter-Base Voltage
VEBO
5V
Collector current-continuoun
IC
100
mA
THERMAL CHARATEERISTICS
Symbol
Max
Unit
Total Device Dissipation FR-5 Board, (1)
PD
225
mW
1.8
mW/
oC
Thermal Resistance, Junction to Ambient
R JA
556
oC/W
PD
300
mW
2.4
mW/
oC
Thermal Resistance, Junction to Ambient
R JA
417
oC/W
Junction and Storage Temperature
TJ ,Tstg
-55 to +150
oC
Rating
Characteristic
TA=25
oC
Derate above 25
oC
Total Device Dissipation
Alumina Substrate, (2) TA=25
oC
Derate above 25
oC
General Purpose Transistors
NPN Silicon
FEATURE
Complementary to L9015.
Pb-Free package is available.
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
L9014QLT1
14Q
3000/Tape&Reel
L9014QLT1G
(Pb-Free)
14Q
3000/Tape&Reel
L9014RLT11
14R
3000/Tape&Reel
L9014RLT1G
(Pb-Free)
14R
3000/Tape&Reel
L9014SLT1
14S
3000/Tape&Reel
L9014SLT1G
(Pb-Free)
14S
3000/Tape&Reel
L9014TLT11
14T
3000/Tape&Reel
L9014TLT1G
(Pb-Free)
14T
3000/Tape&Reel
1
3
2
SOT– 23
L9014*LT1
2
EMITTER
1
BASE
COLLECTOR
3


Similar Part No. - L9014TLT11

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L9014TLT1G LRC-L9014TLT1G Datasheet
68Kb / 4P
   General Purpose Transistors
L9014TLT1G LRC-L9014TLT1G Datasheet
84Kb / 4P
   General Purpose Transistors NPN Silicon
L9014TLT1G LRC-L9014TLT1G_15 Datasheet
105Kb / 4P
   General Purpose Transistors
More results

Similar Description - L9014TLT11

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com