Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9014RLT11 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # L9014RLT11
Description  General Purpose Transistors NPN Silicon
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L9014RLT11 Datasheet(HTML) 2 Page - Leshan Radio Company

  L9014RLT11 Datasheet HTML 1Page - Leshan Radio Company L9014RLT11 Datasheet HTML 2Page - Leshan Radio Company L9014RLT11 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
L9014*LT1-2/3
L9014*LT1
ELECTRICAL CHARACTERISTICS (TA
=25
oC unless otherwise noted)
OFF CHARACTERISTICS
Symbol
Min
Typ
Max
Unit
Collector-Emitter Breakdown Voltage
V(BR)CEO
45
-
-
V
(IC=1.0mA)
Emitter-Base Breakdown Voltage
V(BR)EBO
5
-
-
V
(IE=100 A)
Collector-Base Breakdown Voltage
V(BR)CBO
50
-
-
V
(IC=100 A)
Collector Cutoff Current (VCB=40V)
ICBO
-
-
100
nA
Emitter Cutoff Current (VEB=3V)
IEBO
100
nA
ON CHARACTERISTICS
DC Current Gain
(IC=1mA, VCE=5V)
HFE
150
-
1000
Collector-Emitter Saturation Voltage
(IC=100mA,IB=5mA)
VCE
-
-
0.3
V
NOTE:
*
Q
R
S
T
HFE
150~300
200~400
300~600
400~1000
Characteristic


Similar Part No. - L9014RLT11

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L9014RLT1G LRC-L9014RLT1G Datasheet
68Kb / 4P
   General Purpose Transistors
L9014RLT1G LRC-L9014RLT1G Datasheet
84Kb / 4P
   General Purpose Transistors NPN Silicon
L9014RLT1G LRC-L9014RLT1G_15 Datasheet
105Kb / 4P
   General Purpose Transistors
More results

Similar Description - L9014RLT11

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com