Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMUN5130DW1T1 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LMUN5130DW1T1
Description  Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5130DW1T1 Datasheet(HTML) 4 Page - Leshan Radio Company

  LMUN5130DW1T1 Datasheet HTML 1Page - Leshan Radio Company LMUN5130DW1T1 Datasheet HTML 2Page - Leshan Radio Company LMUN5130DW1T1 Datasheet HTML 3Page - Leshan Radio Company LMUN5130DW1T1 Datasheet HTML 4Page - Leshan Radio Company LMUN5130DW1T1 Datasheet HTML 5Page - Leshan Radio Company LMUN5130DW1T1 Datasheet HTML 6Page - Leshan Radio Company LMUN5130DW1T1 Datasheet HTML 7Page - Leshan Radio Company LMUN5130DW1T1 Datasheet HTML 8Page - Leshan Radio Company LMUN5130DW1T1 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LESHAN RADIO COMPANY, LTD.
LMUN5111DW–4/12
Input Resistor
LMUN5111DW1T1
LMUN5112DW1T1
LMUN5113DW1T1
LMUN5114DW1T1
LMUN5115DW1T1
LMUN5116DW1T1
LMUN5130DW1T1
LMUN5131DW1T1
LMUN5132DW1T1
LMUN5133DW1T1
LMUN5134DW1T1
LMUN5135DW1T1
LMUN5136DW1T1
LMUN5137DW1T1
LMUN5111DW1T1
Series
ELECTRICAL CHARACTERISTICS
(T A = 25°C unless otherwise noted, common for Q 1 and Q 2 ,)
(Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS(Note 5.)
300
250
200
150
100
50
0
T A , AMBIENT TEMPERATURE (°C)
Figure 1. Derating Curve
–50
0
50
100
150
R
1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
1.54
70
32.9
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
2.2
100
47
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
2.86
130
61.1
k
Resistor Ratio
LMUN5111DW1T1/LMUN5112DW1T1
LMUN5113DW1T1/LMUN5136DW1T1
LMUN5114DW1T1/LMUN5115DW1T1
LMUN5116DW1T1/LMUN5130DW1T1
LMUN5131DW1T1/LMUN5132DW1T1
LMUN5133DW1T1
LMUN5134DW1T1
LMUN5135DW1T1
LMUN5137DW1T1
R
1 /R 2
0.8
0.17
0.8
0.055
0.38
0.038
1.7
1.0
0.21
1.0
0.1
0.47
0.047
2.1
1.2
0.25
1.2
0.185
0.56
0.056
2.6
5. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%


Similar Part No. - LMUN5130DW1T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN5130DW1T1G LRC-LMUN5130DW1T1G Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
LMUN5130DW1T1G LRC-LMUN5130DW1T1G Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
LMUN5130DW1T1G LRC-LMUN5130DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results

Similar Description - LMUN5130DW1T1

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMG2DXV5T1 ONSEMI-EMG2DXV5T1 Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
logo
Leshan Radio Company
LMUN5311DW1T1 LRC-LMUN5311DW1T1 Datasheet
424Kb / 29P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMD4DXV6T1 ONSEMI-EMD4DXV6T1 Datasheet
65Kb / 5P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005??Rev. 1
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LDTA115EM3T5G LRC-LDTA115EM3T5G_15 Datasheet
143Kb / 11P
   PNP Silicon Surface Mount Transistors With Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com