Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMUN5211T1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part No. LMUN5211T1
Description  Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5211T1 Datasheet(HTML) 3 Page - Leshan Radio Company

  LMUN5211T1 Datasheet HTML 1Page - Leshan Radio Company LMUN5211T1 Datasheet HTML 2Page - Leshan Radio Company LMUN5211T1 Datasheet HTML 3Page - Leshan Radio Company LMUN5211T1 Datasheet HTML 4Page - Leshan Radio Company LMUN5211T1 Datasheet HTML 5Page - Leshan Radio Company LMUN5211T1 Datasheet HTML 6Page - Leshan Radio Company LMUN5211T1 Datasheet HTML 7Page - Leshan Radio Company LMUN5211T1 Datasheet HTML 8Page - Leshan Radio Company LMUN5211T1 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LESHAN RADIO COMPANY, LTD.
LMUN5211T1 Series-3/10
LMUN5211T1 Series
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter-Base Cutoff Current
LMUN5211T1
(VEB = 6.0 V, IC = 0)
LMUN5212T1
LMUN5213T1
LMUN5214T1
LMUN5215T1
LMUN5216T1
LMUN5230T1
LMUN5231T1
LMUN5232T1
LMUN5233T1
LMUN5234T1
LMUN5235T1
LMUN5236T1
LMUN5237T1
IEBO
0.5
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
0.2
0.05
0.13
mAdc
Collector-Base Breakdown Voltage (IC = 10 µA, IE = 0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (Note 4.)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS (Note 4.)
DC Current Gain
LMUN5211T1
(VCE = 10 V, IC = 5.0 mA)
LMUN5212T1
LMUN5213T1
LMUN5214T1
LMUN5215T1
LMUN5216T1
LMUN5230T1
LMUN5231T1
LMUN5232T1
LMUN5233T1
LMUN5234T1
LMUN5235T1
LMUN5236T1
LMUN5237T1
hFE
35
60
80
80
160
160
3.0
8.0
15
80
80
80
80
80
60
100
140
140
350
350
5.0
15
30
200
150
140
150
140
Collector-Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA)
(IC = 10 mA, IB = 5 mA) LMUN5230T1/LMUN5231T1
(IC = 10 mA, IB = 1 mA) LMUN5215T1/LMUN5216T1/
LMUN5232T1/LMUN5233T1/LMUN5234T1
VCE(sat)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kΩ)
LMUN5211T1
LMUN5212T1
LMUN5214T1
LMUN5215T1
LMUN5216T1
LMUN5230T1
LMUN5231T1
LMUN5232T1
LMUN5233T1
LMUN5234T1
LMUN5235T1
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kΩ)
LMUN5213T1
(VCC = 5.0 V, VB = 5.5 V, RL = 1.0 kΩ)
LMUN5236T1
(VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kΩ)
LMUN5237T1
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
4. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DTC144TT1 NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1  2  3  4  5  More ON Semiconductor
LMUN2211LT1 BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK 1  2  3  4  5  More Leshan Radio Company
HUN2211 NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1  2  3  4  5  More Hi-Sincerity Mocroelectronics
DTA114YE Bias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1  2  3  4  5  More Motorola, Inc
LMUN2237LT1 Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  Leshan Radio Company
LMUN5311DW1T1 Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More Leshan Radio Company
DTA115EET1 PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More ON Semiconductor
MUN5111W Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More E-Tech Electronics LTD
LMUN2135LT1 Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  Leshan Radio Company
LMUN5111DW1T1 Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More Leshan Radio Company

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn