Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMUN5211DW1T1 Datasheet(PDF) 10 Page - Leshan Radio Company

Part No. LMUN5211DW1T1
Description  Dual Bias ResistorTransistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5211DW1T1 Datasheet(HTML) 10 Page - Leshan Radio Company

Back Button LMUN5211DW1T1 Datasheet HTML 2Page - Leshan Radio Company LMUN5211DW1T1 Datasheet HTML 3Page - Leshan Radio Company LMUN5211DW1T1 Datasheet HTML 4Page - Leshan Radio Company LMUN5211DW1T1 Datasheet HTML 5Page - Leshan Radio Company LMUN5211DW1T1 Datasheet HTML 6Page - Leshan Radio Company LMUN5211DW1T1 Datasheet HTML 7Page - Leshan Radio Company LMUN5211DW1T1 Datasheet HTML 8Page - Leshan Radio Company LMUN5211DW1T1 Datasheet HTML 9Page - Leshan Radio Company LMUN5211DW1T1 Datasheet HTML 10Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LESHAN RADIO COMPANY, LTD.
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.071
0.087
1.80
2.20
B
0.045
0.053
1.15
1.35
C
0.031
0.043
0.80
1.10
D
0.004
0.012
0.10
0.30
G
0.026 BSC
0.65 BSC
H
---
0.004
---
0.10
J
0.004
0.010
0.10
0.25
K
0.004
0.012
0.10
0.30
N
0.008 REF
0.20 REF
S
0.079
0.087
2.00
2.20
PIN 1. EMITTER 2
2. BASE 2
3. COLLECTOR 1
4.EMITTER 1
5. BASE 1
6.COLLECTOR 2
B
0.2 (0.008)
A
G
S
H
C
N
J
K
D6PL
6
5
4
1
2
3
- B -
M
M
0.5 mm (min)
1.9 mm
SC-88/SOT-363
LMUN5211DW1T1 Series
LMUN5211DW-10/10


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LMUN5311DW1T1 Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More Leshan Radio Company
MUN5111W Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More E-Tech Electronics LTD
LMUN2237LT1 Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  Leshan Radio Company
LMUN5111DW1T1 Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More Leshan Radio Company
DTA115EET1 PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More ON Semiconductor
LMUN2135LT1 Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  Leshan Radio Company
DTC144TT1 NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1  2  3  4  5  More ON Semiconductor
LMUN2211LT1 BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK 1  2  3  4  5  More Leshan Radio Company
LMUN5211T1 Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1  2  3  4  5  More Leshan Radio Company
HUN2111 PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  Hi-Sincerity Mocroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn