Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMUN5211DW1T1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part No. LMUN5211DW1T1
Description  Dual Bias ResistorTransistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5211DW1T1 Datasheet(HTML) 3 Page - Leshan Radio Company

  LMUN5211DW1T1 Datasheet HTML 1Page - Leshan Radio Company LMUN5211DW1T1 Datasheet HTML 2Page - Leshan Radio Company LMUN5211DW1T1 Datasheet HTML 3Page - Leshan Radio Company LMUN5211DW1T1 Datasheet HTML 4Page - Leshan Radio Company LMUN5211DW1T1 Datasheet HTML 5Page - Leshan Radio Company LMUN5211DW1T1 Datasheet HTML 6Page - Leshan Radio Company LMUN5211DW1T1 Datasheet HTML 7Page - Leshan Radio Company LMUN5211DW1T1 Datasheet HTML 8Page - Leshan Radio Company LMUN5211DW1T1 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LESHAN RADIO COMPANY, LTD.
ELECTRICAL CHARACTERISTICS
(T A = 25°C unless otherwise noted, common for Q 1 and Q 2 )
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current
(V CB = 50 V, I E = 0)
I CBO
100
nAdc
Collector-Emitter Cutoff Current (V CE = 50 V, I B = 0)
I CEO
500
nAdc
Emitter-Base Cutoff Current
LMUN5211DW1T1
(V EB = 6.0 V, I C = 0)
LMUN5212DW1T1
LMUN5213DW1T1
LMUN5214DW1T1
LMUN5215DW1T1
LMUN5216DW1T1
LMUN5230DW1T1
LMUN5231DW1T1
LMUN5232DW1T1
LMUN5233DW1T1
LMUN5234DW1T1
LMUN5235DW1T1
LMUN5236DW1T1
LMUN5237DW1T1
I EBO
0.5
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
0.2
0.05
0.13
mAdc
Collector-Base Breakdown Voltage (I C = 10
µA, I E = 0)
V (BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage(Note 4.)(IC = 2.0 mA,I B=0)
V (BR)CEO
50
Vdc
4. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
LMUN5211DW-3/10
LMUN5211DW1T1
Series


Similar Part No. - LMUN5211DW1T1

ManufacturerPart No.DatasheetDescription
Leshan Radio Company
Leshan Radio Company
LMUN5211DW1T1G LRC-LMUN5211DW1T1G_15 Datasheet
228Kb / 10P
   Dual Bias ResistorTransistors
More results

Similar Description - LMUN5211DW1T1

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
EMG2DXV5T1 ONSEMI-EMG2DXV5T1 Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
Leshan Radio Company
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Shanghai Leiditech Electronic Technology Co., Ltd
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
E-Tech Electronics LTD
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Leshan Radio Company
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LMUN5311DW1T1 LRC-LMUN5311DW1T1 Datasheet
424Kb / 29P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Shanghai Leiditech Electronic Technology Co., Ltd
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
ON Semiconductor
ON Semiconductor
EMD4DXV6T1 ONSEMI-EMD4DXV6T1 Datasheet
65Kb / 5P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005??Rev. 1
Leshan Radio Company
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Shanghai Leiditech Electronic Technology Co., Ltd
Shanghai Leiditech Elec...
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz