Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LMUN5111DW1T1 Datasheet(PDF) 12 Page - Leshan Radio Company

Part No. LMUN5111DW1T1
Description  Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo 

LMUN5111DW1T1 Datasheet(HTML) 12 Page - Leshan Radio Company

 
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LESHAN RADIO COMPANY, LTD.
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.071
0.087
1.80
2.20
B
0.045
0.053
1.15
1.35
C
0.031
0.043
0.80
1.10
D
0.004
0.012
0.10
0.30
G
0.026 BSC
0.65 BSC
H
---
0.004
---
0.10
J
0.004
0.010
0.10
0.25
K
0.004
0.012
0.10
0.30
N
0.008 REF
0.20 REF
S
0.079
0.087
2.00
2.20
PIN 1. EMITTER 2
2. BASE 2
3. COLLECTOR 1
4.EMITTER 1
5. BASE 1
6.COLLECTOR 2
B
0.2 (0.008)
A
G
S
H
C
N
J
K
D6PL
6
5
4
1
2
3
- B -
M
M
0.5 mm (min)
1.9 mm
SC-88/SOT-363
LMUN5111DW1T1 Series
LMUN5111DW-12/12


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MUN5111WDual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreE-Tech Electronics LTD
LMUN5311DW1T1Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
DTA115EET1PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
LMUN2135LT1Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
HUN2111PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 Hi-Sincerity Mocroelectronics
DTA114YEBias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreMotorola, Inc
LMUN2237LT1Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
DTC144TT1NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
LMUN2211LT1BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK 1 2 3 4 5 MoreLeshan Radio Company
LMUN5211DW1T1Dual Bias ResistorTransistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn