Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMUN2237LT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part No. LMUN2237LT1
Description  Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN2237LT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  LMUN2237LT1 Datasheet HTML 1Page - Leshan Radio Company LMUN2237LT1 Datasheet HTML 2Page - Leshan Radio Company LMUN2237LT1 Datasheet HTML 3Page - Leshan Radio Company LMUN2237LT1 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS – LMUN2237LT1
100
1
010
20
30
40
5
100
10
02
4
1.4
1
0.6
0.2
0
0
5
10
15
20
25
30
35
40
45
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 2. V CE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
010
20
30
40
Figure 3. DC Current Gain
1
100
IC, COLLECTOR CURRENT (mA)
Figure 4. Output Capacitance
Figure 5. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
Figure 6. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
VCE = 10 V
1000
100
1
10
f = 1 MHz
lE = 0 V
TA = 25°C
TA = –25°C
25
°C
75
°C
75
°C
25
°C
TA = –25°C
VO = 5 V
VO = 0.2 V
TA = –25°C
25
°C
75
°C
IC/IB = 10
TA = –25°C
25
°C
75
°C
1.8
6
8
10
12
14
16
1
0.001
15
25
10
515
25
35
10
1.6
1.2
0.8
0.4
2
0.1
0.01
35
LESHAN RADIO COMPANY, LTD.
LMUN2237LT1-3/4


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LMUN5311DW1T1Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
DTA115EET1PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
MUN5111WDual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreE-Tech Electronics LTD
LMUN2135LT1Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 Leshan Radio Company
DTC144TT1NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
LMUN2211LT1BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK 1 2 3 4 5 MoreLeshan Radio Company
LMUN5111DW1T1Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
LMUN5211T1Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreLeshan Radio Company
HUN2111PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 Hi-Sincerity Mocroelectronics
HUN2211NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn