Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMUN2237LT1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part No. LMUN2237LT1
Description  Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN2237LT1 Datasheet(HTML) 2 Page - Leshan Radio Company

  LMUN2237LT1 Datasheet HTML 1Page - Leshan Radio Company LMUN2237LT1 Datasheet HTML 2Page - Leshan Radio Company LMUN2237LT1 Datasheet HTML 3Page - Leshan Radio Company LMUN2237LT1 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://onsemi.com
2
DEVICE MARKING AND RESISTOR VALUES
Device
Package
Marking
R1 (K)
R2 (K)
LMUN2237LT1
SOT-23
47
22
3. New devices. Updated curves to follow in subsequent data sheets.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 40 V, IE = 0)
ICBO
50
nAdc
Collector-Emitter Cutoff Current (VCE = 40 V, IB = 0)
ICEO
50
nAdc
Emitter-Base Cutoff Current
(VBE = 6.0 V, IC = 0)
IEBO
0.13
mAdc
Collector-Base Breakdown Voltage (IC = 10 µA, IE = 0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (Note 4)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS (Note 4)
DC Current Gain
(VCE = 10 V, IC = 5.0 mA)
hFE
80
140
Collector-Emitter Saturation Voltage (IC = 10 mA, IB = 5 mA)
VCE(sat)
0.25
Vdc
(VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kΩ)
VOL
0.2
Vdc
4. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
Output Voltage (on)
Input Resistor
R1
k
Resistor Ratio
R1/R2
1.7
2.1
2.6
Figure 1. Derating Curve
350
200
150
100
50
0
–50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
RθJA = 370°C/W
250
A8P
32.9
47
61.1
LESHAN RADIO COMPANY, LTD.
LMUN2237LT1
LMUN2237LT1-2/4


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LMUN5311DW1T1 Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More Leshan Radio Company
DTA115EET1 PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More ON Semiconductor
MUN5111W Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More E-Tech Electronics LTD
LMUN2135LT1 Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  Leshan Radio Company
DTC144TT1 NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1  2  3  4  5  More ON Semiconductor
LMUN2211LT1 BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK 1  2  3  4  5  More Leshan Radio Company
LMUN5111DW1T1 Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More Leshan Radio Company
LMUN5211T1 Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1  2  3  4  5  More Leshan Radio Company
HUN2111 PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  Hi-Sincerity Mocroelectronics
HUN2211 NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network 1  2  3  4  5  More Hi-Sincerity Mocroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn